Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6711TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6711TR
Description  3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6711TR Datasheet HTML 9Page - STMicroelectronics L6711TR Datasheet HTML 10Page - STMicroelectronics L6711TR Datasheet HTML 11Page - STMicroelectronics L6711TR Datasheet HTML 12Page - STMicroelectronics L6711TR Datasheet HTML 13Page - STMicroelectronics L6711TR Datasheet HTML 14Page - STMicroelectronics L6711TR Datasheet HTML 15Page - STMicroelectronics L6711TR Datasheet HTML 16Page - STMicroelectronics L6711TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
13/38
L6711
4
DEVICE DESCRIPTION
The device is a three phase PWM controller with embedded high current drivers that provides complete
control logic and protections for a high performance step-down DC-DC voltage regulator optimized for ad-
vanced microprocessor power supply. Multi phase buck is the simplest and most cost-effective topology
employable to satisfy the increasing current demand of newer microprocessors and modern high current
DC/DC converters and POLs. It allows distributing equally load and power between the phases using
smaller, cheaper and most common external power mosfets and inductors. Moreover, thanks to the 120°
of phase shift between each phase, the input and output capacitor count results in being reduced. Phase
interleaving causes in fact input rms current and output ripple voltage reduction and show an effective out-
put switching frequency increase: the 150kHz free-running frequency per phase, externally adjustable
through a resistor, results tripled on the output.
The controller includes multiple DACs, selectable through an apposite pin (VID_SEL), allowing compati-
bility with both VRD 10.x and Hammer specifications, also performing D-VID transitions accordingly. The
output voltage can be precisely selected, programming the VID and VID_SEL pins, from 0.8185V to
1.5810V with 12.5mV binary steps (VRD 10.x compliant mode - 6 BIT with -19mV offset already pro-
grammed during production) or from 0.800V to 1.550V with 25mV steps (VRM Hammer compliant mode
- 5 BIT, VID5 programs a 25mV positive offset in this case), with a maximum tolerance on the output reg-
ulated voltage of ±0.5% (±0.6% for Hammer) over temperature and line voltage variations.
The device permits easy and flexible system design by allowing current reading across either inductor or
low side mosfet in fully differential mode simply selecting the desired way through the CS_SEL pin. In both
cases, also a sense resistor in series to the related element can be considered to improve reading preci-
sion. The current information read corrects the PWM output in order to equalize the average current car-
ried by each phase limiting the error at ±3% over static and dynamic conditions unless considering the
sensing element spread.
The device provides a programmable Over-Voltage protection to protect the load from dangerous over
stress and can be externally set to a fixed voltage through an apposite resistor or it can be set internally
with a fixed percentage, latching immediately by turning ON the lower driver and driving high the FAULT
pin. Furthermore, preliminary OVP protection also allows the device to protect load from dangerous OVP
when VCC is not above the UVLO threshold.
Over-Current protection provided, with an OC threshold for each phase, causes the device to enter in con-
stant current mode until the latched UVP. Depending on the reading mode selected, the device keeps con-
stant the peak (inductor sensing) or the valley (LS sensing) of the inductor current ripple.
The device drives high the FAULT pin after each latching event: to recover it is enough to cycle VCC or
the OUTEN pin.
A compact 7x7mm body TQFP48 package with exposed thermal pad allows dissipating the power to drive
the external mosfet through the system board.
5
CURRENT READING AND CURRENT SHARING CONTROL LOOP
The device embeds a flexible, fully-differential current sense circuitry that is able to read across both low
side or inductor parasitic resistance or across a sense resistor placed in series to that element. The fully-
differential current reading rejects noise and allows placing sensing element in different locations without
affecting the measurement's accuracy. The kind of sense element can be simply chosen through the
CS_SEL pin: setting this pin free, the LS mosfet is used while shorting it to SGND, the inductor will be used
instead. Details about connections are shown in Figure 6.
The high bandwidth current sharing control loop allows current balance even during load transients: a cur-
rent reference equal to the average of the read current (IAVG) is internally built and the error between the
read current and this reference is converted to a voltage that with a proper gain is used to adjust the duty
cycle whose dominant value is set by the voltage error amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com