Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIU5D12-331M Datasheet(PDF) 7 Page - AiT Semiconductor Inc.

Part # PIU5D12-331M
Description  POWER INDUCTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

PIU5D12-331M Datasheet(HTML) 7 Page - AiT Semiconductor Inc.

Back Button PIU5D12-331M Datasheet HTML 3Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 4Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 5Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 6Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 7Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 8Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 9Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 10Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 11Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
POWER INDUCTOR
PIU
PART NUMBER
L (uH)
DCR
(Ω) Typ.
IDC(A) Typ.
I rms(A) Typ.
L drop 10%
L drop 35%
PIU2D15L-1R0Y
1.0
0.038
1.04
1.40
1.80
PIU2D15L-1R2Y
1.2
0.041
1.00
1.30
1.74
PIU2D15L-1R5Y
1.5
0.046
0.94
1.22
1.70
PIU2D15L-1R8Y
1.8
0.058
0.92
1.16
1.64
PIU2D15L-2R2Y
2.2
0.066
0.88
1.10
1.60
PIU2D15L-2R7Y
2.7
0.070
0.74
0.93
1.45
PIU2D15L-3R3Y
3.3
0.091
0.68
0.90
1.24
PIU2D15L-3R9Y
3.9
0.115
0.62
0.82
1.12
PIU2D15L-4R7Y
4.7
0.132
0.60
0.74
1.10
PIU2D15L-5R6Y
5.6
0.156
0.58
0.70
1.06
PIU2D15L-6R8Y
6.8
0.166
0.42
0.62
1.00
PIU2D15L-8R2Y
8.2
0.230
0.40
0.58
0.90
PIU2D15L-100M
10
0.244
0.38
0.50
0.80
PIU2D15L-120M
12
0.324
0.36
0.44
0.70
PIU2D15L-150M
15
0.370
0.36
0.42
0.70
PIU2D15L-180M
18
0.489
0.30
0.38
0.62
PART NUMBER
L (uH)
DCR
(Ω) Typ.
IDC(A) Typ.
I rms(A) Typ.
L drop 10%
L drop 35%
PIU2D18L-1R0Y
1.0
0.038
0.96
1.36
1.80
PIU2D18L-1R2Y
1.2
0.041
0.94
1.22
1.76
PIU2D18L-1R5Y
1.5
0.048
0.90
1.14
1.70
PIU2D18L-1R8Y
1.8
0.052
0.84
1.04
1.68
PIU2D18L-2R2Y
2.2
0.055
0.75
0.95
1.64
PIU2D18L-2R7Y
2.7
0.060
0.68
0.90
1.46
PIU2D18L-3R3Y
3.3
0.078
0.60
0.80
1.40
PIU2D18L-3R9Y
3.9
0.090
0.58
0.80
1.22
PIU2D18L-4R7Y
4.7
0.099
0.54
0.74
1.20
PIU2D18L-5R6Y
5.6
0.110
0.50
0.66
1.12
PIU2D18L-6R8Y
6.8
0.120
0.48
0.60
1.06
PIU2D18L-8R2Y
8.2
0.168
0.40
0.54
0.90
PIU2D18L-100M
10
0.190
0.36
0.46
0.88
PIU2D18L-120M
12
0.222
0.32
0.46
0.80
PIU2D18L-150M
15
0.285
0.30
0.40
0.72
PIU2D18L-180M
18
0.350
0.28
0.38
0.66
PIU2D18L-220M
22
0.440
0.24
0.32
0.50
PIU2D18L-270M
27
0.490
0.22
0.28
0.42
Note1: Test Condition: 1kHz, 1V
Note2: Tolerance Y=M: ±20%, N±30%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com