Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIU5D12-331M Datasheet(PDF) 8 Page - AiT Semiconductor Inc.

Part # PIU5D12-331M
Description  POWER INDUCTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

PIU5D12-331M Datasheet(HTML) 8 Page - AiT Semiconductor Inc.

Back Button PIU5D12-331M Datasheet HTML 4Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 5Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 6Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 7Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 8Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 9Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 10Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 11Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 12Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
POWER INDUCTOR
PIU
PART NUMBER
L (uH)
DCR
(Ω) Typ.
IDC(A) Typ.
I rms(A) Typ.
L drop 10%
L drop 35%
PIU2D15H-R47Y
0.47
0.040
3.00
3.40
2.20
PIU2D15H-1R0Y
1.0
0.049
2.60
3.00
2.00
PIU2D15H-1R2Y
1.2
0.083
2.30
2.50
1.90
PIU2D15H-1R5Y
1.5
0.090
2.10
2.50
1.50
PIU2D15H-2R2Y
2.2
0.090
1.80
2.10
1.28
PIU2D15H-3R3Y
3.3
0.149
1.50
1.72
1.10
PIU2D15H-3R9Y
3.9
0.158
1.40
1.56
1.02
PIU2D15H -4R7Y
4.7
0.197
1.30
1.50
0.96
PIU2D15H-5R6Y
5.6
0.232
1.20
1.30
0.94
PIU2D15H-6R8Y
6.8
0.266
1.10
1.30
0.84
PIU2D15H-100M
10
0.403
0.94
1.10
0.74
PIU2D15H-150M
15
0.567
0.76
0.86
0.60
PIU2D15H-220M
22
0.905
0.60
0.68
0.46
PIU2D15H-330M
33
1.486
0.44
0.48
0.40
PIU2D15H-470M
47
1.814
0.40
0.44
0.26
PIU2D15H-680M
68
3.520
0.29
0.33
0.26
PIU2D15H-101M
100
3.840
0.24
0.28
0.24
PART NUMBER
L (uH)
DCR
(Ω) Typ.
IDC(A) Typ.
I rms(A) Typ.
L drop 10%
L drop 35%
PIU2D18H-1R0Y
1.0
0.045
2.60
3.00
2.00
PIU2D18H-1R8Y
1.8
0.078
2.00
2.30
1.76
PIU2D18H-2R2Y
2.2
0.090
1.80
2.14
1.44
PIU2D18H-3R3Y
3.3
0.103
1.50
1.80
1.10
PIU2D18H-3R9Y
3.9
0.115
1.50
1.78
1.05
PIU2D18H-4R7Y
4.7
0.152
1.40
1.60
1.00
PIU2D18H-6R8Y
6.8
0.223
1.20
1.40
0.95
PIU2D18H-100M
10
0.360
0.92
1.02
0.78
PIU2D18H-120M
12
0.410
0.84
0.98
0.68
PIU2D18H-150M
15
0.622
0.80
0.90
0.62
PIU2D18H-220M
22
0.750
0.64
0.74
0.45
PIU2D18H-330M
33
1.125
0.47
0.52
0.42
Note1: Test Condition: 1kHz, 1V
Note2: Tolerance Y=M: ±20%, N±30%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com