Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIU5D12-331M Datasheet(PDF) 14 Page - AiT Semiconductor Inc.

Part # PIU5D12-331M
Description  POWER INDUCTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

PIU5D12-331M Datasheet(HTML) 14 Page - AiT Semiconductor Inc.

Back Button PIU5D12-331M Datasheet HTML 6Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 7Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 8Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 9Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 10Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 11Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 12Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 13Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 14Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
POWER INDUCTOR
PIU
●SMT POWER INDUCTOR ENVIRONMENTAL SPECIFICATIONS
General
Items
Specifications
Shelf Storage conditions
Temperature range: 25±3
℃; Humidity: <80% relative humidity.
Recommended product should be used within six months from the time of delivery.
Environmental test
Test Items
Specifications
Test Conditions / Test Methods
High temperature Storage
test
No case deformation or
change in appearance.
△ L/L
≦10%
Temperature 85±2
℃, Time: 48±2 hours,
Tested after 1hour at room temperature.
Low temperature Storage
test
Temperature -25±2
℃, Time: 48±2 hours,
Tested after 1hour at room temperature.
Humidity test
Temperature 40±2
℃, 90~95% relative humidity
Time: 96±2 hours
Tested after 1hour at room temperature.
Thermal shock test
First is -25
℃ 30minutes then 25℃ 10 minutes last
85
℃ 30 minutes, as 1 cycle. Go through 5 cycles.
Tested after 1 hour at room temperature.
Mechanical test
Test Items
Specifications
Test Conditions / Test Methods
Solderability test
Terminal area must have
90% minimum solder
coverage.
Product with Lead-free terminal:
Dip pads in flux then dip in solder pot
at 245±5
℃ for 3
seconds.
Resistance to Soldering
Heat
No case deformation or
change in appearance.
Flux should cover the whole of the sample before
heating, then be preheated for about 2 minutes over
temperature of 130~150
℃. Immersing to 260±5℃ for
10 seconds.
Vibration test
No case deformation or
change in appearance.
△ L/L
≦10%
Apply frequency 10~55Hz. 1.5mm amplitude in each of
perpendicular direction for 2 hours.
Shock resistance
Drop down with 981m/s
2(100G) shock attitude upon a
rubber block method shock testing machine, for 1 time. In
each of three orientations.
The condition of reflow (recommendation):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com