Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIU5D12-331M Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # PIU5D12-331M
Description  POWER INDUCTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

PIU5D12-331M Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  PIU5D12-331M Datasheet HTML 1Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 2Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 3Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 4Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 5Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 6Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 7Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 8Page - AiT Semiconductor Inc. PIU5D12-331M Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
POWER INDUCTOR
PIU
●FEATURE
1.
Low profile and Compact size
2.
Low DC resistance
3.
Magnetic Shielding type
2DXX
5DXX
3DXX
●APPLICATION
1.
LCD panels
2.
Digital camera,PDA and others portable
●ORDERING INFORMATION
●SHAPE AND DIMENSION
●SCHEMATICS AND LAND PATTERNS(mm)
●SPECIFICATION
Dimension in mm
TYPE
A
B
C
D
E
H
I
J
PIU2D10
3.2±0.2
3.2±0.2
1.05
1.1
0.8
3.6
1.4
0.8
PIU2D15
3.2±0.2
3.2±0.2
1.6
1.1
0.8
3.6
1.4
0.8
PIU2D18
3.2±0.2
3.2±0.2
1.8
1.1
0.8
3.6
1.4
0.8
PIU3D12
4.2±0.2
4.2±0.2
1.25
1.3
1.4
4.6
1.6
1.4
PIU3D15
4.2±0.2
4.2±0.2
1.6
1.3
1.4
4.6
1.6
1.4
PIU3D18
4.2±0.2
4.2±0.2
1.8
1.3
1.4
4.6
1.6
1.4
PIU5D12
-R47
T
PN
Inductance
M :±20%


Similar Description - PIU5D12-331M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R0612-8R2K ETC1-R0612-8R2K Datasheet
38Kb / 1P
Power Inductor
logo
Sumida Corporation
CDRC62 SUMIDA-CDRC62 Datasheet
228Kb / 2P
Power Inductor
CDRR127 SUMIDA-CDRR127 Datasheet
32Kb / 1P
Power Inductor
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C2DEP1010 SUMIDA-C2DEP1010 Datasheet
206Kb / 3P
Power Inductor
CDEP1411 SUMIDA-CDEP1411 Datasheet
222Kb / 4P
Power Inductor
CDRH8D38A SUMIDA-CDRH8D38A_11 Datasheet
170Kb / 4P
Power Inductor
CDRR75 SUMIDA-CDRR75 Datasheet
174Kb / 4P
Power Inductor
CDRR107 SUMIDA-CDRR107_11 Datasheet
153Kb / 4P
Power Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com