Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CSM04T-I/MF Datasheet(PDF) 28 Page - Microchip Technology

Part # 25CSM04T-I/MF
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04T-I/MF Datasheet(HTML) 28 Page - Microchip Technology

Back Button 25CSM04T-I/MF Datasheet HTML 24Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 25Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 26Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 27Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 28Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 29Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 30Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 31Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
25CSM04
DS20005817D-page 28
 2019-2022 Microchip Technology Inc. and its subsidiares
FIGURE 8-2:
PAGE WRITE SEQUENCE
8.2
Error Correction Code (ECC)
Architecture
The 25CSM04 incorporates a built-in Error Correction
Code (ECC) logic scheme. The EEPROM array is
internally organized as a group of four connected bytes
plus an additional six ECC parity bits of EEPROM.
These 38 bits are referred to as the internal physical
data word. During a read sequence, the ECC logic
compares each 4-byte physical data word with its
corresponding six ECC parity bits. If a single bit out of
the 4-byte region happens to read incorrectly, the ECC
logic will detect the bad bit and replace it with a correct
value before the data is serially clocked out. This
architecture significantly improves the reliability of the
25CSM04 versus a device that does not utilize ECC.
It is important to note that data is always physically
written to the part at the internal physical data word
level, regardless of the number of bytes written. Writing
single bytes is still possible with the byte write
sequence, but internally, the other three bytes within
the 4-byte location where the single byte was written,
along with the six ECC parity bits will be updated. Due
to this architecture, the 25CSM04 EEPROM write
endurance is rated at the internal physical data word
level (4-byte word). The system designer needs to
optimize the application writing algorithms to observe
these internal word boundaries in order to maximize
the endurance.
8.3
Polling Routine
A polling routine can be implemented to optimize time
sensitive applications that would not prefer to wait the
fixed maximum write cycle time (TWC). This method
allows the application to query whether the Serial
EEPROM has completed the write sequence. This
polling routine should be initiated once the internally
timed write sequence has begun.
The polling routine is repeatedly sending Read
STATUS Register (RDSR) or Write Ready/Busy Poll
(WRBP) instructions to determine if the device has
completed its self-timed internal write cycle (see
Figure 8-3). If the RDY/BSY bit = 1 from RDSR or FFh
from WRBP the write cycle is still in progress.
If RDY/BSY bit = 0 from RDSR or 00h from WRBP this
indicates the write cycle has ended. If the device is still
in a busy state, repeated RDSR or WRBP instructions
can be executed until the RDY/BSY bit = 0 or the WRBP
instruction returns a 00h, signaling that the device is
ready to execute a new instruction. Only the RDSR and
WRBP instructions are enabled during the write cycle.
FIGURE 8-3:
POLLING FLOW
CS
SCK
1
0
234
567
9
39
38
37
36
35
34
32
31
30
29
SI
Data In Byte n (256 max.)
MSb
SO
0 0000 0 1 0 X X X
AA A
WRITE Opcode (02h)
Address Bits A23-A0
Data In Byte 1
MSb
MSb
MSb
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
High-Impedance
833
TWC(1)
Note 1:
This sequence initiates a self-timed internal write cycle on the rising edge of CS after a valid sequence.
NO
YES
Send Valid Write
Instruction
Deassert CS High to
Initiate a Write Cycle
Send RDSR/WRBP
Instruction to the Device
Next Sequence
Is WRBP = 00h or is
RDY/BSY = 0?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com