Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CSM04T-I/MF Datasheet(PDF) 34 Page - Microchip Technology

Part # 25CSM04T-I/MF
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04T-I/MF Datasheet(HTML) 34 Page - Microchip Technology

Back Button 25CSM04T-I/MF Datasheet HTML 30Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 31Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 32Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 33Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 34Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 35Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 36Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 37Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
25CSM04
DS20005817D-page 34
 2019-2022 Microchip Technology Inc. and its subsidiares
FIGURE 10-1:
25CSM04 MEMORY PARTITION MAP
10.1.2
MEMORY PARTITION REGISTER
ORGANIZATION
Each MPR is an 8-bit nonvolatile register. The MPR
organization is shown in Register 10-1. The four types
of protection behavior are defined by the contents of bit
7 and bit 6 of each MPR (see Register 10-1). Each par-
tition can have a unique behavior.
Bit 5 though bit 0 contain the Partition Endpoint
Address of A18:A13, where A12:A0 are a logic ‘1’. For
example, if the first partition of the memory array is
desired to stop after 128-Kbit of memory, that endpoint
address is 03FFFh. The corresponding A18:A13
address bits to be loaded into MPR0 are therefore
000001b.
The eight MPRs are each decoded sequentially by the
device, starting with MPR0. Each MPR should be set to
a Partition Endpoint Address greater than the ending
address of the previous MPR. If a higher order MPR
sets a Partition Endpoint Address less than or equal to
the ending address of a lower order MPR, that higher
order MPR is ignored and no protection is set by its
contents.
An example use case is provided in Table 10-1.
00000h
01FFFh
02000h
04000h
06000h
03FFFh
05FFFh
07FFFh
7C000h
7E000h
7DFFFh
7FFFFh
32 Pages
32 Pages
32 Pages
32 Pages
32 Pages
32 Pages
Beginning
Address
Ending
Address
64-Kbit
64-Kbit
64-Kbit
64-Kbit
64-Kbit
64-Kbit
Available Partition Point:
A18:A13 [000000b]
Available Partition Point:
A18:A13 [000001b]
Available Partition Point:
A18:A13 [000010b]
Available Partition Point:
A18:A13 [000011b]
Available Partition Point:
A18:A13 [111110b]
Available Partition Point:
A18:A13 [111111b]
4-Mbit (512-Kbyte) EEPROM
(256 bytes per page x 2,048 pages)
Note:
When the Partition Behavior bits are
written to 11b, that MPR will become
permanently read-only (ROM) and its
contents
cannot
be
changed
(see
Register 10-1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com