Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CSM04T-I/MF Datasheet(PDF) 36 Page - Microchip Technology

Part # 25CSM04T-I/MF
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04T-I/MF Datasheet(HTML) 36 Page - Microchip Technology

Back Button 25CSM04T-I/MF Datasheet HTML 32Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 33Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 34Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 35Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 36Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 37Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 38Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 39Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
25CSM04
DS20005817D-page 36
 2019-2022 Microchip Technology Inc. and its subsidiares
Once
the
Partition
Endpoint Addresses
are
programmed to the desired values, it is recommended
that addresses be protected to prevent unintentional
modification. This is accomplished by executing the
Protect Partition Address Boundary (PPAB) instruction
which will modify the PABP bit in the STATUS register
(bit 3, byte 1).
To execute the PPAB instruction, first a WREN instruction
and then a PRWE instruction must be sent to enable
write sequences (see Section 10.2 “Writing to the
Memory Partition Registers”). This will set the WEL
and PREL bits to a logic ‘1’.
Next, as shown in Figure 10-2, the PPAB (34h)
instruction is clocked in on the SI line, followed by any
24-bit address that ends with CC55h in the Least
Significant 16 bits. Finally, a data byte of 00h or FFh is
sent and the self-timed internal write cycle will begin
once the CS pin is driven high.
Using a data byte of FFh will protect the Partition
Endpoint Addresses from being changed by setting the
PABP bit in the STATUS register to logic ‘1’. Sending a
data byte of 00h will unprotect these addresses by
clearing the PABP bit in the STATUS register to
logic ‘0’.
FIGURE 10-2:
PROTECT PARTITION ADDRESS BOUNDARIES (PPAB) SEQUENCE
Note:
The starting address of each partition is
determined by the endpoint address
boundary
of
the
previous
partition
(00000h
for
MPR0).
Changing
the
address boundary of an MPR can affect
the assigned write-protection behavior for
individual array locations by reassigning
their associated partition.
TABLE 10-2:
MEMORY PARTITION REGISTER PROTECTION MATRIX
FMPC
PABP
Partition Behavior Bits
Partition Endpoint Address Bits
00
Writable
Writable
01
Writable
Protected
1x
Permanently-Protected
Permanently-Protected
Note:
If the CS pin is deasserted before the end
of the 40-bit sequence, the sequence will
be aborted and no write cycle will take
place.
CS
SCK
1
0
234
567
9 10 11 12
39
38
37
36
35
34
32
31
30
29
SO
High-Impedance
0 0 1 1 01
00
PPAB Opcode (34h)
XX XX X X
SI
D7 D6 D5 D4 D3 D2 D1 D0
MSb
MSb
MSb
10 1
0
833
Note 1:
This sequence initiates a self-timed internal write cycle on the rising edge of CS after a valid sequence.
2:
Address bits A23-A16 are ignored. Address bits A15-A0 must be set to CC55h.
3:
A data byte of FFh will set the PABP bit, while a data byte of 00h will clear the PABP bit.
Address Bits A23-A0(2)
Data In (00h or FFh(3))
TWC(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com