Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CSM04T-I/MF Datasheet(PDF) 49 Page - Microchip Technology

Part # 25CSM04T-I/MF
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04T-I/MF Datasheet(HTML) 49 Page - Microchip Technology

Back Button 25CSM04T-I/MF Datasheet HTML 45Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 46Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 47Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 48Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 49Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 50Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 51Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 52Page - Microchip Technology 25CSM04T-I/MF Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
 2019-2022 Microchip Technology Inc. and its subsidiares
DS20005817D-page 49
25CSM04
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Dimensioning and tolerancing per ASME Y14.5M
Sheet 2 of 2
Overall Height
Bump Diameter
Bump Pitch
Width
Length
Bump Pitch
0.315
A
b
0.185
MIN
Dimension Limits
D
E
d2
Units
d1
MILLIMETERS
See Note 3
1.40 BSC
See Note 3
NOM
1.00 BSC
MAX
0.275
0.355
0.175
0.200
Bump Height
0.100
A1
0.085
0.115
Body Height
0.190
A2
0.175
0.205
Backside Laminate Thickness
0.025
A4
0.015
0.035
Bump Pitch
Bump Pitch
e1
e
2.10 BSC
0.50 BSC
8-Ball Wafer Level Chip Scale Package (CS) - [WLCSP]
Microchip Technology Drawing C04-21241 Rev B
3. Please contact your local Microchip representative for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com