Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX90A702QH-R705 Datasheet(PDF) 14 Page - CML Microcircuits

Part # CMX90A702QH-R705
Description  CMX90A702 ● 28 GHz 5G Medium Power Amplifier (MPA)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX90A702QH-R705 Datasheet(HTML) 14 Page - CML Microcircuits

Back Button CMX90A702QH-R705 Datasheet HTML 10Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 11Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 12Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 13Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 14Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 15Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 16Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 17Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 18Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
28 GHz 5G Medium Power Amplifier (MPA)
CMX90A702
© www.cmlmicro.com
Page 14
D/90A702/1 June 2022
PCB Layout
Careful layout of the printed circuit board (PCB) is essential for optimum RF and thermal performance. The
recommended layout, including ground via pattern underneath the device, may be taken from the evaluation board
(Part Number EV90A702).
The PCB is a single layer of R04003, 8 thou thickness with ½ copper mounted to aluminium carrier with Ablefilm
adhesive (0.05mm thick CF3350) which provides rigidity and thermal dissipation (Figure 47) and the EV90A702 PCB
(Figure 48) is 26 mm x 46 mm. The coplanar RF transmission lines have a width of 0.33 mm with a gap of 0.21 mm to
ground either side.
0.203 mm
Solder Mask
Ablefilm
RO4003C
Aluminium
Carrier
Figure 47: EV90A702 Layer Stack
Figure 48: EV90A702 PCB Top Layer View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com