Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX90A702QH-R705 Datasheet(PDF) 18 Page - CML Microcircuits

Part # CMX90A702QH-R705
Description  CMX90A702 ● 28 GHz 5G Medium Power Amplifier (MPA)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX90A702QH-R705 Datasheet(HTML) 18 Page - CML Microcircuits

Back Button CMX90A702QH-R705 Datasheet HTML 11Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 12Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 13Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 14Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 15Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 16Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 17Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 18Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 19Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
28 GHz 5G Medium Power Amplifier (MPA)
CMX90A702
© www.cmlmicro.com
Page 18
D/90A702/1 June 2022
Package Outline
20-lead 4x4mm VQFN Package (QH)
Package Marking
Pin 1 indicator (dot) and 3 rows of text for device identification.
Line 1: CMX90 SµRF series
Line 2: 6-character part code
Line 3: Batch code
Index Area 1 is located directly
A
B
C
H
TYP.
MAX.
MIN.
DIM.
J
P
T
1.00
0.80
0.05
0.30
0.50
0.00
0.20
0.18
4.00 BSC
4.00 BSC
*
*
NOTE :
*
All dimensions in mm
Angles are in degrees
A & B are reference data and do
not include mold deflash or protrusions.
F
2.80
2.55
G
2.80
2.55
L
0.425
0.225
Index Area 1
Dot
Index Area 2
Chamfer
K
0.20
0.90
0.25
0.325
above Index Area 2
Exposed
Metal Pad
CMX90
A702QH
xxxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com