Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX90A702QH-R705 Datasheet(PDF) 1 Page - CML Microcircuits

Part # CMX90A702QH-R705
Description  CMX90A702 ● 28 GHz 5G Medium Power Amplifier (MPA)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX90A702QH-R705 Datasheet(HTML) 1 Page - CML Microcircuits

  CMX90A702QH-R705 Datasheet HTML 1Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 2Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 3Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 4Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 5Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 6Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 7Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 8Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
CMX90A702 ● 28 GHz 5G Medium Power Amplifier (MPA)
www.cmlmicro.com
Page 1
D/90A702/1 June 2022
Description
The CMX90A702 is a highly linear medium power
amplifier operating in Frequency Range 2 (FR2)
from 26.5 to 29.5 GHz, addressing the needs of
5G New Radio (NR) band n257 and n261.
CMX90A702
is
a
three-stage
GaAs
MMIC
amplifier delivering +25 dBm (0.3 W) of output
power at 1 dB gain compression, 21 dB of small
signal gain and +32.5 dBm output third order
intercept (OIP3).
RF ports are matched to 50 Ω
with an integrated DC blocking capacitor at the
output.
The MPA is easy to monitor and control with an
on-chip
temperature-compensated
RF
power
detector and fast-switching enable circuit.
Using an enhancement mode (E-mode) pHEMT
process ensures only positive supply voltages are
required, thus making single DC supply operation
possible.
Applications
•
5G mmWave infrastructure
•
Fixed wireless access (FWA)
•
Repeaters & small cells
•
5G backhaul
•
Customer premises equipment (CPE)
•
Passive phased array antenna
Ordering Information
Part Number
Description
CMX90A702QH-R701
7” Reel with 100 pieces
CMX90A702QH-R705
7” Reel with 500 pieces
EV90A702
Evaluation board
4x4mm VQFN-20 Package
Product Features
•
Frequency range 26.5
– 29.5 GHz
•
Small signal gain 21 dB
•
Output P1dB +25 dBm (0.3 W)
•
Power added efficiency 28 %
•
EVM 4 % @ 18 dBm mean power
•
Quiescent Supply +4 V @ 182 mA
•
Vd applied either side of package
Block Diagram


Similar Part No. - CMX90A702QH-R705

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX909B CMLMICRO-CMX909B Datasheet
1Mb / 51P
Full and Short Data Packet Framing
CMX90G301 CMLMICRO-CMX90G301 Datasheet
1Mb / 16P
CMX90G301 1.4 – 7.1GHz Positive Gain-Slope Amplifier 1dB
September 2022
CMX90G301QF-R330 CMLMICRO-CMX90G301QF-R330 Datasheet
1Mb / 16P
CMX90G301 1.4 – 7.1GHz Positive Gain-Slope Amplifier 1dB
September 2022
CMX90G301QF-R710 CMLMICRO-CMX90G301QF-R710 Datasheet
1Mb / 16P
CMX90G301 1.4 – 7.1GHz Positive Gain-Slope Amplifier 1dB
September 2022
CMX90G302 CMLMICRO-CMX90G302 Datasheet
1Mb / 16P
CMX90G302 1.4 – 7.1GHz Positive Gain-Slope Amplifier 2dB
September 2022
More results

Similar Description - CMX90A702QH-R705

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA443 FILTRONIC-LMA443 Datasheet
106Kb / 2P
31 GHz Medium Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6425 AVAGO-AMMC-6425 Datasheet
663Kb / 7P
18 - 28 GHz Power Amplifier
logo
TriQuint Semiconductor
TGA4706-FC TRIQUINT-TGA4706-FC Datasheet
372Kb / 10P
77 GHz Medium Power Amplifier
TGA4706-FC TRIQUINT-TGA4706-FC_15 Datasheet
372Kb / 10P
77 GHz Medium Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425_15 Datasheet
277Kb / 9P
18-28 GHz 1W Power Amplifier
logo
Integrated Device Techn...
EXP7602 IDT-EXP7602 Datasheet
674Kb / 2P
71 GHz ??76 GHz Medium Power Amplifier
EXP8603 IDT-EXP8603 Datasheet
538Kb / 2P
81 GHz ??86 GHz Medium Power Amplifier
logo
Custom MMIC Design Serv...
CMD217 MMIC-CMD217 Datasheet
200Kb / 8P
28-32 GHz GaN Power Amplifier
CMD262 MMIC-CMD262 Datasheet
199Kb / 8P
26-28 GHz GaN Power Amplifier
logo
Qorvo, Inc
CMD217 QORVO-CMD217 Datasheet
112Kb / 8P
28-32 GHz GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com