Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX90A702QH-R705 Datasheet(PDF) 15 Page - CML Microcircuits

Part # CMX90A702QH-R705
Description  CMX90A702 ● 28 GHz 5G Medium Power Amplifier (MPA)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX90A702QH-R705 Datasheet(HTML) 15 Page - CML Microcircuits

Back Button CMX90A702QH-R705 Datasheet HTML 11Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 12Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 13Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 14Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 15Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 16Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 17Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 18Page - CML Microcircuits CMX90A702QH-R705 Datasheet HTML 19Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
28 GHz 5G Medium Power Amplifier (MPA)
CMX90A702
© www.cmlmicro.com
Page 15
D/90A702/1 June 2022
Thermal Design
The primary RF/DC ground and thermal path is via the exposed die pad on the back side of the package, which must
be connected to the PCB ground plane. An array of plated and copper filled through-hole vias directly underneath the
die pad area is needed to conduct heat away and minimise ground inductance. The PCB layout should provide a
thermal radiator appropriate for the intended operation, adding as much copper to inner and outer layers as possible
to avoid excessive junction temperature.
Device junction temperature (Tj) can be calculated using Tj = Tc + (Pdiss x Rjc) where Pdiss = Pdc + Pin – Pout and Tc is
the case temperature on the backside of the package (die pad) in contact with the PCB.
Bias Procedure
The CMX90A702 is a three-stage enhancement mode amplifier and therefore requires positive gate voltage to set the
quiescent drain currents. Stages 1 and 2 have common gate and drain connections and Stage 3 has separate gate and
drain connections.
Power-up:
-
Connect the amplifier in a 50Ω environment, with no RF input.
-
Ensure the gate voltages (Vg12 and Vg3) are set to 0 V.
-
Apply drain supplies (Vd12 and Vd3) at 4V.
-
Increase Vg12 to set Id12 to 73 mA (Vg12 ~ 0.415 V).
-
Increase Vg3 to set Id3 to 109 mA (Vg3 ~ 0.415 V).
-
A suitable RF input can now be applied.
Power -down:
-
Turn off the applied RF input.
-
Decrease Vg12 and Vg3 to 0 V.
-
Switch off drain supplies (Vd12 and Vd3).
-
Switch off Vg12 and Vg3.
RFin
RFin (pin 3) is internally matched to 50 Ω. Note that at DC this pin is resistive to ground (approximately 50 Ω) and
therefore DC voltages should not be applied to this pin.
RFout
RFout (pin 13) is internally matched to 50 Ω and DC blocking with an integrated blocking capacitor.
Vd12 and Vd3
The drain supply pins are replicated on both sides of the device and are connected internally. The drain connections
only need to be made to one side, therefore for Vd12 either pin 8 or pin 19 can be used for stages 1 and 2. For Vd3
either pin 10 or pin 17 can be used for stage 3.
Vg12, Vg3 and PA_OFF
When PA_OFF (pin 5) is connected to ground, the gate voltages pass through the control circuit on to their relevant
stages. When PA_OFF (pin 5) is high (nominally 2.5V), the gates voltages are disconnected from the stage gates which
are also shorted to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com