Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5-STUDIO Datasheet(PDF) 5 Page - STMicroelectronics

Part # SPC5-STUDIO
Description  Predefined gesture detection system based on FlightSense technology sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC5-STUDIO Datasheet(HTML) 5 Page - STMicroelectronics

  SPC5-STUDIO Datasheet HTML 1Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 2Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 3Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 4Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 5Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 6Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 7Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 8Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Figure 4. AEK-SNS-2TOFM1 circuit schematic (3 of 5)
65
VSS_LV
11
VDD_LV_FLA0
12
VDD_HV_IO_MAIN
19
VSS_HV_ADR_S
20
VDD_HV_ADR_S
21
VSS_HV_ADV
22
VDD_HV_ADV
27
VDD_LV_ADC_S
28
VDD_HV_IO_MAIN
33
VDD_LV
35
VSS_HV_OSC
38
VDD_HV_OSC
47
VDD_LV
49
VDD_HV_IO_MAIN
57
VDD_HV_FLA
XTAL
37
36
EXTAL
45
PORST
44
TESTMODE
42
PA5- JCOMP
43
PA6- TCK
39
PA8- TDI
40
PA7- TMS
41
PA9- TDO
52
53
32
PB8- I2C_SCL
31
PB9- I2C_SDA
PA10- CAN4_TX, DSPI3_CS0, eMIOS Ch15, ...
PA11- CAN4_RX, DSPI3_SCK, eMIOS Ch16, ...
30
29
PB11- I2S_WS
PB10- ADC82, CAN1_TX, DSPI2_SOUT/CS1, eMIOS Ch25, ...
6
PC1- Play/Mute
5
PC2- CD/DIAG_A
4
PC3- HW Mute
3
62
61
PC13- I2S_TEST(B)
60
PC4- ADC_D, CAN6_TX, DSPI3_SCK, eMIOS Ch6, ...
PC12- CAN4_RX, DSPI1_CS3/DSPI3_CS1, eMIOS Ch31, ...
59
58
48
26
PD11- I2S_TEST(A)
8
PD12- eMIOS_Ch14
9
1
2
7
10
54
PE10- CD/DIAG_B
55
64
PC14- DSPI1_SCK, eMIOS Ch27, ...
PC15- DSPI1_SOUT, eMIOS Ch26, ...
PD0- DSPI2_SCK, eMIOS Ch22, ...
PD5- CAN5_TX, DSPI0_SOUT, eMIOS Ch7, ...
PD13- ADC16, DSPI3_SCK, eMIOS Ch15, ...
PD14- CAN0_TX, ...
PD15- CAN0_RX, eMIOS Ch0, ...
PF2- eMIOS_Ch20
63
PF3- CAN6_TX, DSPI1_CS1, eMIOS Ch2, ...
23
PG10- ADC55, ...
PE2- ADC13, DSPI3_SOUT, eMIOS Ch13, ...
PE3- ADC17, DSPI3_CS0, eMIOS Ch16, ...
PE11- CAN5_RX, DSPI3_SOUT, eMIOS Ch18, ...
24
PG11- I2S_CLK
25
PG12- I2S_DATA
56
PH4- eMIOS_Ch19
13
14
15
PI3- ADC39
16
PI4- ADC40
17
PI6- ADC49, ...
PI1- ADC35, CAN3_TX, DSPI2_CS1, eMIOS Ch4, ...
PI2- ADC38, CAN3_RX, DSPI2_CS0, eMIOS Ch5, ...
18
PI7- ADC50, ...
46
PM14- CAN4_RX, ...
34
VDD_HV_IO_MAIN
51
PA1- CAN2_RX
50
U4
PA2- CAN2_TX
SPC582B60E1MH00Y
I2C_SDA
I2C_SCL
3V3_MCU
3V3_MCU
PORST
JCOMP
TCK
TMS
TDI
TDO
3V3_MCU
10pF
C28
C27
10pF
4.7K
R9
4.7K
R10
10nF
C37
C36
47nF
C35
10nF
C34
47nF
C33
10nF
C32
47nF
10nF
C31
C30
47nF
C29
4.7uF
C39
100nF
C40
100nF
C41
100nF
C42
100nF
C43
100nF
C44
470nF
C45
470nF
C46
10nF
10nF
C47
1
3
Y1
40MHz, +/-20ppm
GPIO1_L
GPIO1_R
XSHUT_L
XSHUT_R
Serial_TX-TTL
Serial_RX-TTL
CAN4-TX
CAN4-RX
3V3_MCU
3V3_MCU
4.7K
R8
4.7uF
C38
33pF
C48
3V3_MCU
10K
R11
TDO
TCK
TMSPORST
TDI
3
1
2
4
5
6
7
8
9
10
11
12
13
14
J3
61201421621
JCOMP
JTAG interface
499
R7
499
R6
Ind_Left_ToF
Ind_Right_ToF
LED2
Left_ToF
LED3
Right_ToF
C49
100nF
Ind_Left_ToF
Ind_Right_ToF
LED4
Stand-by
499
R25
Stand-by ToF
Stand-by ToF
3
1
2
4
GND
GND
S1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com