Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5-STUDIO Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC5-STUDIO
Description  Predefined gesture detection system based on FlightSense technology sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC5-STUDIO Datasheet(HTML) 1 Page - STMicroelectronics

  SPC5-STUDIO Datasheet HTML 1Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 2Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 3Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 4Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 5Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 6Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 7Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 8Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
•
CAN bus interface for remote control support
•
Serial interface for remote communication support
•
Input voltage: 12 V battery bus
•
Size: 250 mm x 86 mm
•
Included in the AutoDevKit ecosystem
Description
The AEK-SNS-2TOFM1 includes two Time-of-Flight distance-ranging sensors placed
at a distance of 23 cm one from the other.
The on-board SPC582B60E1 microcontroller reads the sensor data and detects a
predefined hand/foot gesture.
This solution is designed for power liftgate applications, to open/close the trunk with a
predefined foot movement.
The AEK-SNS-2TOFM1 evaluation board firmware is preloaded. It is enabled for an
external CAN bus driving.
The AutoDevKit software library (STSW-AUTODEVKIT) includes a CAN bus-driving
example based on the SPC58EC Chorus 4M.
Product summary
Predefined
gesture
detection
system based
on FlightSense
technology
sensors
AEK-SNS-2TOFM1
32-bit power
architecture
MCU for
automotive
general purpose
applications -
Chorus family
SPC582B60E1MH00Y
AutoDevKit
library plugin for
SPC5-STUDIO
STSW-AUTODEVKIT
Code generator,
quick resource
configurator and
Eclipse
development
environment for
SPC5 MCUs
SPC5-Studio
Application
Trunk Control System/
Motion Sensing/
Presence Sensing
Predefined gesture detection system based on FlightSense technology sensors
AEK-SNS-2TOFM1
Data brief
DB4716 - Rev 1 - May 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - SPC5-STUDIO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC5-STUDIO STMICROELECTRONICS-SPC5-STUDIO Datasheet
1Mb / 8P
MCU discovery board for SPC5 Chorus 1M automotive microcontroller
12-Feb-2020
SPC5-STUDIO STMICROELECTRONICS-SPC5-STUDIO Datasheet
5Mb / 4P
MCU discovery board for SPC5 Chorus 4M automotive microcontroller with CAN
SPC5-STUDIO STMICROELECTRONICS-SPC5-STUDIO Datasheet
5Mb / 11P
Power liftgate controller board based on L99DZ200G multioutput driver and SPC582B60E1 Chorus 1M microcontroller
More results

Similar Description - SPC5-STUDIO

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8141 SONARDYNE-8141 Datasheet
161Kb / 2P
Tsunami Detection System
logo
Texas Instruments
TMDX470MF066HDK TI1-TMDX470MF066HDK Datasheet
5Mb / 21P
TI embedded processors based on ARM technology
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9500 AVAGO-APDS-9500 Datasheet
298Kb / 36P
Imaging-Based Proximity and Gesture Sensor
logo
STMicroelectronics
UM2047 STMICROELECTRONICS-UM2047 Datasheet
595Kb / 16P
X-NUCLEO-53L0A1 ranging and gesture detection sensor expansion board based on VL53L0X for STM32 Nucleo
25-May-2016
VL6180X-SATEL STMICROELECTRONICS-VL6180X-SATEL Datasheet
168Kb / 5P
Satellite boards based on VL6180X proximity, gesture and ambient light sensor
June 2015 Rev 2
VL53L1X STMICROELECTRONICS-VL53L1X Datasheet
1Mb / 35P
A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
November 2018 Rev 3
X-CUBE-TOUCHGFX STMICROELECTRONICS-X-CUBE-TOUCHGFX Datasheet
632Kb / 5P
Ranging and gesture detection sensor expansion board based on VL53L0X for STM32 Nucleo
14-Jun-2021
X-NUCLEO-53L0A1 STMICROELECTRONICS-X-NUCLEO-53L0A1 Datasheet
227Kb / 5P
Ranging and gesture detection sensor expansion board based on VL53L0X for STM32 Nucleo
21-Jul-2016
VL53L1X STMICROELECTRONICS-VL53L1X_V01 Datasheet
1Mb / 35P
A new generation, long distance ranging Time-of-Flight sensor based on ST’s FlightSense technology
logo
Endress+Hauser Group Se...
CM14 EH-CM14 Datasheet
878Kb / 16P
Based on digital Memosens technology
2021-12-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com