Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5-STUDIO Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPC5-STUDIO
Description  Predefined gesture detection system based on FlightSense technology sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC5-STUDIO Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPC5-STUDIO Datasheet HTML 2Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 3Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 4Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 5Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 6Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 7Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 8Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 9Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Figure 6. AEK-SNS-2TOFM1 circuit schematic (5 of 5)
R22
N.M.
10K
R21
C55
100nF
SDA
SCL
R24
N.M.
10K
R23
C58
100nF
SCL
SDA
C60
100nF
C61
100nF
1uF
SCL
C62
LEFT
1
AVDDVCSEL
2
AVSSVCSEL
GND
3
4
GND2
5
XSHUT
6
GND3
7
GPIO1
8
DNC
9
10
SD
SCL
A
AVDD
11
12
GND4
U7
1
VL53L1CXV0FY/1
AVDDVCSEL
2
AVSSVCSEL
GND
3
4
GND2
5
XSHUT
6
GND3
7
GPIO1
8
DNC
9
10
SD
SCL
A
AVDD
11
12
GND4
U6
VL
1
VL53L1CXV0FY/1
2
I/O-VL1
3
I/O-VCC2
4
I/O-VL3
5
I/O-VCC4
6
I/O-VL5
7
I/O-VCC6
8
I/O-VL7
9
I/O-VCC8
OE
11
12
I/O-VL8
13
I/O-VCC7
14
I/O-VL6
15
I/O-VCC5
16
I/O-VL4
17
I/O-VCC3
18
I/O-VL2
19
I/O-VCC1
20
VCC
U8
SDA
ST2378ETTR
GPIO1_L
GPIO1_R
XSHUT_L
XSHUT_R
I2C_SCL
I2C_SDA
C54
100pF
C57
100pF
3V3
2V8
2V8_L
2V8_R
GPIO1_L
GPIO1_R
XSHUT_L
XSHUT_R
GPIO1_LGPIO1_R
XSHUT_R
XSHUT_L
C56
4.7uF
C59
4.7uF
RIGHT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com