Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5-STUDIO Datasheet(PDF) 4 Page - STMicroelectronics

Part # SPC5-STUDIO
Description  Predefined gesture detection system based on FlightSense technology sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC5-STUDIO Datasheet(HTML) 4 Page - STMicroelectronics

  SPC5-STUDIO Datasheet HTML 1Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 2Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 3Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 4Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 5Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 6Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 7Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 8Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Figure 3. AEK-SNS-2TOFM1 circuit schematic (2 of 5)
EN
1
2
GND
PG
3
VOUT
4
5
ADJ
6
VIN
20K
U1
LD39100PURY
R2
49K9
R1
C5
100nF
C3
100nF
C2
100nF
C25
100nF
C23
100nF
Q1
STS10P4LLF6
D1
4.7uF
C18
4.7uF
C19
C26
100nF
C20
100nF
C21
100nF
22K
R5
22K
R4
1K
R3
D2
1SMB5929BT3G
10nF
C14
C15
100pF
C9
100nF
C7
100nF
C11
10nF
C12
100pF
CAN
ToF_R
ToF_L
Transceiver_VL
4.7uH
L1
2V8
2V8_L
+5
2V8_R
3V3_MCU
3V3
12Vbatt
3
Vin
Vout
0,2
1
GND/Adj
U2
LD1117S50TR
Vin
3
Vout
0,2
1
GND/Adj
U3
LD1117S33TR
1uF
C10
1uF
C13
100uF
50V
C16
100uF
50V
C17
C6
4.7uF
C8
4.7uF
C22
4.7uF
C24
4.7uF
C4
10uF
C1
10uF
3V3
3V3
LED1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com