Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940 Datasheet(PDF) 39 Page - Cirrus Logic

Part # WM8940
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button WM8940 Datasheet HTML 35Page - Cirrus Logic WM8940 Datasheet HTML 36Page - Cirrus Logic WM8940 Datasheet HTML 37Page - Cirrus Logic WM8940 Datasheet HTML 38Page - Cirrus Logic WM8940 Datasheet HTML 39Page - Cirrus Logic WM8940 Datasheet HTML 40Page - Cirrus Logic WM8940 Datasheet HTML 41Page - Cirrus Logic WM8940 Datasheet HTML 42Page - Cirrus Logic WM8940 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
WM8940
Rev 4.4
39
NOISE GATE (NORMAL MODE ONLY)
When the signal is very quiet and consists mainly of noise, the ALC function may cause “noise
pumping”, i.e. loud hissing noise during silence periods. The WM8940 has a noise gate function that
prevents noise pumping by comparing the signal level at the input pins against a noise gate threshold,
NGTH. The noise gate cuts in when:
Signal level at ADC [dBFS] < NGTH [dBFS] + PGA gain [dB] + Mic Boost gain [dB]
This is equivalent to:
Signal level at input pin [dBFS] < NGTH [dBFS]
The PGA gain is then held constant (preventing it from ramping up as it normally would when the
signal is quiet).
The table below summarises the noise gate control register. The NGTH control bits set the noise gate
threshold with respect to the ADC full-scale range. The threshold is adjusted in 6dB steps. Levels at
the extremes of the range may cause inappropriate operation, so care should be taken with set
–up of
the function. The noise gate only operates in conjunction with the ALC and cannot be used in limiter
mode.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R35 (23h)
ALC Noise Gate
Control
2:0
NGTH
000
Noise gate threshold:
000 = -39dB
001 = -45dB
010 = -51db
011 = -57dB
100 = -63dB
101 = -69dB
110 = -75dB
111 = -81dB
3
NGATEN
0
Noise gate function enable
1 = enable
0 = disable
Table 28 ALC Noise Gate Control
The diagrams below show the response of the system to the same signal with and without noise gate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com