Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940 Datasheet(PDF) 60 Page - Cirrus Logic

Part # WM8940
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940 Datasheet(HTML) 60 Page - Cirrus Logic

Back Button WM8940 Datasheet HTML 56Page - Cirrus Logic WM8940 Datasheet HTML 57Page - Cirrus Logic WM8940 Datasheet HTML 58Page - Cirrus Logic WM8940 Datasheet HTML 59Page - Cirrus Logic WM8940 Datasheet HTML 60Page - Cirrus Logic WM8940 Datasheet HTML 61Page - Cirrus Logic WM8940 Datasheet HTML 62Page - Cirrus Logic WM8940 Datasheet HTML 63Page - Cirrus Logic WM8940 Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
WM8940
60
Rev 4.4
A-law Companding
0
20
40
60
80
100
120
0
0.2
0.4
0.6
0.8
1
Normalised Input
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Figure 32 A-Law Companding
GENERAL PURPOSE INPUT/OUTPUT
In 2-wire mode, the CSB pin is not required and it can be used as a GPIO pin. In 3 wire mode,
the MODE / GPIO can be configured as a GPIO by setting the MODE_GPIO register bit
Whichever pin is used for GPIO, it is controlled from the GPIO control register R8. The GPIOSEL bits
allow the chosen pin to be configured to perform a variety of useful tasks as shown in Table 57.
Note that SLOWCLKEN must be enabled when using the jack detect function.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8
GPIO
control
5:4
OPCLKDIV
00
PLL Output clock division ratio
00=divide by 1
01=divide by 2
10=divide by 3
11=divide by 4
3
GPIOPOL
0
GPIO Polarity invert
0=Non inverted
1=Inverted
2:0
GPIOSEL
000
CSB/GPIO pin function select:
000=CSB input
001= Jack insert detect
010=Temp ok
011=Amute active
100=SYSCLK clock o/p
101=PLL lock
110=Reserved
111=Reserved
Table 52 CSB/GPIO Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com