Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940 Datasheet(PDF) 21 Page - Cirrus Logic

Part # WM8940
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button WM8940 Datasheet HTML 17Page - Cirrus Logic WM8940 Datasheet HTML 18Page - Cirrus Logic WM8940 Datasheet HTML 19Page - Cirrus Logic WM8940 Datasheet HTML 20Page - Cirrus Logic WM8940 Datasheet HTML 21Page - Cirrus Logic WM8940 Datasheet HTML 22Page - Cirrus Logic WM8940 Datasheet HTML 23Page - Cirrus Logic WM8940 Datasheet HTML 24Page - Cirrus Logic WM8940 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
WM8940
Rev 4.4
21
Output from
AUX amp
MICP
MICN
VMID
AUX2INPPGA
R44[2]
MICN2INPPGA
R44[1]
MICP2INPPGA
R44[0]
To input
BOOST/mix
stage
INPPGAVOL
R45[5:0]
Gain=-12 to +35.25dB
Figure 6 Microphone Input PGA Circuit (switch positions shown are for differential mic input)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R44
Input Control
2
AUX2INPPGA
0
Select AUX amplifier output as input PGA
signal source.
0=AUX not connected to input PGA
1=AUX connected to input PGA amplifier
negative terminal.
1
MICN2INPPGA
1
Connect MICN to input PGA negative
terminal.
0=MICN not connected to input PGA
1=MICN connected to input PGA amplifier
negative terminal.
0
MICP2INPPGA
0
Connect input PGA amplifier positive
terminal to MICP or VMID.
0 = input PGA amplifier positive terminal
connected to VMID
1 = input PGA amplifier positive terminal
connected to MICP through variable resistor
string
Table 2 Input Control
The input PGA is enabled by the IPPGAEN register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2
Power
Management 2
2
INPPGAEN
0
Input microphone PGA enable
0 = disabled
1 = enabled
Table 3 Input PGA Enable Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com