Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1016LS2 Datasheet(PDF) 11 Page - Qorvo, Inc

Part # QPD1016LS2
Description  DC – 1.7 GHz, 50 V, 500 W GaN RF Transistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1016LS2 Datasheet(HTML) 11 Page - Qorvo, Inc

Back Button QPD1016LS2 Datasheet HTML 7Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 8Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 9Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 10Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 11Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 12Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 13Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 14Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 15Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
QPD1016L
DC
– 1.7 GHz, 50 V, 500 W GaN RF Transistor
Datasheet Rev. A, September 2020 | Subject to change without notice
- 11 of 23 -
www.qorvo.com
Typical Measured Performance
– Load-Pull Drive-up1, 2
Notes:
1. Test Conditions: VD = 50 V, IDQ = 1000 mA, 300 uS Pulse Width, 10% Duty Cycle
2. See
”Pin Configuration and Description” for load pull and source pull reference planes.
47
48
49
50
51
52
53
54
55
56
57
58
59
17
18
19
20
21
22
23
24
25
26
27
Output Power [dBm]
Gain and PAE vs. Output Power
1.3 GHz - Power Tuned
Zs(1fo) = 0.47-1.02i
Zs(2fo) = 1.33-3.6i
Zs(3fo) = 3.08+0.02i
Zl(1fo) = 1.39-0.69i
Zl(2fo) = 5.58+7.55i
47
48
49
50
51
52
53
54
55
56
57
58
59
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
48
49
50
51
52
53
54
55
56
57
18
19
20
21
22
23
24
25
26
27
28
Output Power [dBm]
Gain and PAE vs. Output Power
1.3 GHz - Efficiency Tuned
Zs(1fo) = 0.47-1.02i
Zs(2fo) = 1.33-3.6i
Zs(3fo) = 3.08+0.02i
Zl(1fo) = 1.51+0.22i
Zl(2fo) = 5.53+7.53i
48
49
50
51
52
53
54
55
56
57
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
47
48
49
50
51
52
53
54
55
56
57
58
59
17
18
19
20
21
22
23
24
25
26
27
Output Power [dBm]
Gain and PAE vs. Output Power
1.4 GHz - Power Tuned
Zs(1fo) = 0.38-1.38i
Zs(2fo) = 0.82-2i
Zs(3fo) = 2.44+1.76i
Zl(1fo) = 1.38-0.68i
Zl(2fo) = 5.56+7.59i
47
48
49
50
51
52
53
54
55
56
57
58
59
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
48
49
50
51
52
53
54
55
56
57
58
18
19
20
21
22
23
24
25
26
27
28
Output Power [dBm]
Gain and PAE vs. Output Power
1.4 GHz - Efficiency Tuned
Zs(1fo) = 0.38-1.38i
Zs(2fo) = 0.82-2i
Zs(3fo) = 2.44+1.76i
Zl(1fo) = 1.38-0.35i
Zl(2fo) = 5.52+7.69i
48
49
50
51
52
53
54
55
56
57
58
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com