Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1016LS2 Datasheet(PDF) 5 Page - Qorvo, Inc

Part # QPD1016LS2
Description  DC – 1.7 GHz, 50 V, 500 W GaN RF Transistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1016LS2 Datasheet(HTML) 5 Page - Qorvo, Inc

  QPD1016LS2 Datasheet HTML 1Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 2Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 3Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 4Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 5Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 6Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 7Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 8Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
QPD1016L
DC
– 1.7 GHz, 50 V, 500 W GaN RF Transistor
Datasheet Rev. A, September 2020 | Subject to change without notice
- 5 of 23 -
www.qorvo.com
Measured Load-Pull Smith Charts1, 2
Notes:
1.
Test Conditions: VD = 50 V, IDQ = 1000 mA, 300 uS Pulse Width, 10% Duty Cycle
2.
See
”Pin Configuration and Description” for load pull and source pull reference planes.
1.2GHz, Load-pull
58.4
58.2
58
22.5
21.5
21
78.2
70.2
68.2
66.2
• Max Power is 58.6dBm
at Z = 1.381-0.68i
= -0.3373-0.2075i
• Max Gain is 22.8dB
at Z = 1.144+0.968i
= -0.373+0.3208i
• Max PAE is 78.3%
at Z = 1.502+0.225i
= -0.3294+0.0664i
Zo = 3
3dB Compression Referenced to Peak Gain
Zs(1fo) = 0.43-0.85i
Zs(2fo) = 2.46+0.21i
Zs(3fo) = 2.83-0.08i
Zl(2fo) = 5.56+7.66i
Power
Gain
PAE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com