Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1016LS2 Datasheet(PDF) 22 Page - Qorvo, Inc

Part # QPD1016LS2
Description  DC – 1.7 GHz, 50 V, 500 W GaN RF Transistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1016LS2 Datasheet(HTML) 22 Page - Qorvo, Inc

Back Button QPD1016LS2 Datasheet HTML 16Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 17Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 18Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 19Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 20Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 21Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 22Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 23Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 24Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
QPD1016L
DC
– 1.7 GHz, 50 V, 500 W GaN RF Transistor
Datasheet Rev. A, September 2020 | Subject to change without notice
- 22 of 23 -
www.qorvo.com
1.2
– 1.4 GHz Application Circuit - Bill Of Material
Description
Ref. Des.
Manufacturer
Part Number
Capacitor 27pF, 250v, 1% NPO 0805 600F
C1, C2
American Technical Ceramics
600F270FT250XT
Capacitor 2.7 pF, 250V, 0805, 600F
C3, C4
American Technical Ceramics
600F2R7BT250XT
Capacitor 10 pF, 600F-Series
C9, C10
American Technical Ceramics
600F100CT
Capacitor 3.3 pF, 600F-Series
C11, C12
American Technical Ceramics
600F3R3CT
Capacitor 4.7 pF, 600F-Series
C13, C14
American Technical Ceramics
600F4R7CT
Capacitor 1.2 pF, 2%, 500v, COG 800B
C15
American Technical Ceramics
800B1R2CT500X
Capacitor 1.5 pF, 2%, 500v, COG 800B
C16
American Technical Ceramics
800B1R5CT500X
Capacitor 56 pF, 2%, 500v, COG 800B
C17
American Technical Ceramics
800B560JT500X
Capacitor 47 pF, 5%, 250V, 0805, 600F
C18, C22
American Technical Ceramics
600F470JT250XT
Capacitor 100 pF, 600F-Series
C20, C23
American Technical Ceramics
600F101JT
Capacitor, 100nF, 10%, 100V X7R1206
C19, C24
N/A
N/A
Capacitor, 1uF, 20%, 100V X7R1206
C21, C25
Murata
GRM32ER72A105MA01L
Capacitor 220 uF, 20%, 100V, SMD
Electrolytic
C27, C28
Nichicon
UUJ2A221MNQ1MS
Capacitor 220 uF, 20%, 50V, SMD
Electrolytic
C26
Panasonic
EMVY500ADA221MJA0G
Resistor, 390 Ohm, 1%, 1/10W, 0805
R1
Rohm Electronics
MCR03EZPFX6200
Resistor, 10 Ohm, 1%, 1/10W, 0805
R2
Panasonic
ERJ-6ENF10R0V
Resistor, 6.04ohm, 1%, 1/10W, 0805
R3
Panasonic
RC0805FR-076R04L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com