Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1016LS2 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # QPD1016LS2
Description  DC – 1.7 GHz, 50 V, 500 W GaN RF Transistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1016LS2 Datasheet(HTML) 4 Page - Qorvo, Inc

  QPD1016LS2 Datasheet HTML 1Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 2Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 3Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 4Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 5Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 6Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 7Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 8Page - Qorvo, Inc QPD1016LS2 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
QPD1016L
DC
– 1.7 GHz, 50 V, 500 W GaN RF Transistor
Datasheet Rev. A, September 2020 | Subject to change without notice
- 4 of 23 -
www.qorvo.com
Measured Load-Pull Smith Charts1, 2
Notes:
1.
Test Conditions: VD = 50 V, IDQ = 1000 mA, 300 uS Pulse Width, 10% Duty Cycle
2.
See
”Pin Configuration and Description” for load pull and source pull reference planes.
1.1GHz, Load-pull
58.7
58.5
58.3
22.4
21.4
20.9
78.5
74.5
72.5
70.5
• Max Power is 58.8dBm
at Z = 1.379-0.501i
= -0.3525-0.1547i
• Max Gain is 22.9dB
at Z = 1.109+1.015i
= -0.3762+0.3399i
• Max PAE is 79.3%
at Z = 1.468+0.287i
= -0.3372+0.086i
Zo = 3
3dB Compression Referenced to Peak Gain
Zs(1fo) = 0.41-0.59i
Zs(2fo) = 2.51-0.54i
Zs(3fo) = 1.66-0.28i
Zl(2fo) = 1.84+5.34i
Power
Gain
PAE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com