Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD214A-R12000R Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # CD214A-R12000R
Description  CD214A-R12000R Rectifier Chip Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214A-R12000R Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CD214A-R12000R Datasheet HTML 1Page - Bourns Electronic Solutions CD214A-R12000R Datasheet HTML 2Page - Bourns Electronic Solutions CD214A-R12000R Datasheet HTML 3Page - Bourns Electronic Solutions CD214A-R12000R Datasheet HTML 4Page - Bourns Electronic Solutions CD214A-R12000R Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CD214A-R12000R Rectifier Chip Diode
Packaging Information
The product is dispensed in tape and reel format (see diagram below).
.......
.......
.......
.......
.......
.......
.......
.......
P
A
F
E
T
120 °
D2
D
D
1
W1
C
Index Hole
P
0
P
1
W
B
30 pitches
Direction of Feed
30 pitches
End
Trailer
Device
Leader
Start
d
DIMENSIONS:
MM
(INCHES)
Item
Symbol
CD214A-R12000R
Carrier Width
A
2.45 ± 0.10
(0.096 ± 0.004)
Carrier Length
B
4.75 ± 0.10
(0.187 ± 0.004)
Carrier Depth
C
1.51 ± 0.10
(0.059 ± 0.004)
Sprocket Hole
d
1.50 ± 0.10
(0.059 ± 0.004)
Reel Outside Diameter
D
178 ± 2.0
(7.008 ± 0.079)
Reel Inner Diameter
D1
50.0
(1.969)
MIN.
Feed Hole Diameter
D2
13.0 ± 0.50
(0.512 ± 0.020)
Sprocket Hole Position
E
1.75 ± 0.10
(0.069 ± 0.004)
Punch Hole Position
F
5.50 ± 0.05
(0.217 ± 0.002)
Punch Hole Pitch
P
4.00 ± 0.10
(0.157 ± 0.004)
Sprocket Hole Pitch
P0
4.00 ± 0.10
(0.157 ± 0.004)
Embossment Center
P1
2.00 ± 0.10
(0.079 ± 0.004)
Overall Tape Thickness
T
0.40
(0.016)
MAX.
Tape Width
W
12.00 ± 0.30
(0.472 ± 0.012)
Reel Width
W1
18.7
(0.736)
MAX.
Quantity per Reel
--
3,000
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific
legal disclaimers as set forth on the last page of this document, and at
www.bourns.com/docs/legal/disclaimer.pdf.
REV. 03/20
Asia-Pacific: Tel: +886-2 2562-4117
Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877
Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500
Email: americus@bourns.com
www.bourns.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com