Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD214A-R12000R Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CD214A-R12000R
Description  CD214A-R12000R Rectifier Chip Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214A-R12000R Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CD214A-R12000R Datasheet HTML 1Page - Bourns Electronic Solutions CD214A-R12000R Datasheet HTML 2Page - Bourns Electronic Solutions CD214A-R12000R Datasheet HTML 3Page - Bourns Electronic Solutions CD214A-R12000R Datasheet HTML 4Page - Bourns Electronic Solutions CD214A-R12000R Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CD214A-R12000R Rectifier Chip Diode
Product Dimensions
F
I
H
B
C
DIA.
G
A
D
D
E
Dimension
CD214A-R12000R
A
4.5 ± 0.10
(0.177 ± 0.004)
B
2.20 ± 0.10
(0.087 ± 0.004)
C (Dia.)
0.50
(0.020)
D
0.95 ± 0.20
(0.037 ± 0.008)
E
0.96 +0.20/-0.10
(0.038 +0.008/-0.004)
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
How to Order
CD 214A - R 1 2000 R
Common Code
CD = Chip Diode
Package
214A = SMA/DO-214AC Compatible
Model
R = Glass Passivated Rectifier Series
Maximum Average Forward Rectified Current
1 = 1 A
Maximum Repetitive Peak Reverse Voltage
2000 = 2000 V
Dimension
CD214A-R12000R
F
2.60
(0.102)
MAX.
G
1.47
(0.058)
MIN.
H
1.27
(0.050)
MIN.
I
5.14
(0.202)
REF.
Environmental Specifications
Moisture Sensitivity Level ................................................................. 1
ESD Classification (HBM)...............................................................1C
Typical Part Marking
DEVICE CODE:
R1Z = CD214A-R12000R
R1Z
YWW
DATE CODE:
Y = LAST
DIGIT OF
YEAR
WW = WEEK
NUMBER
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com