Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD214A-R12000R Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CD214A-R12000R
Description  CD214A-R12000R Rectifier Chip Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214A-R12000R Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CD214A-R12000R Datasheet HTML 1Page - Bourns Electronic Solutions CD214A-R12000R Datasheet HTML 2Page - Bourns Electronic Solutions CD214A-R12000R Datasheet HTML 3Page - Bourns Electronic Solutions CD214A-R12000R Datasheet HTML 4Page - Bourns Electronic Solutions CD214A-R12000R Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CD214A-R12000R Rectifier Chip Diode
Performance Graphs
Forward Current Derating Curve
Maximum Peak Forward Surge Current
1.25
1.50
1.00
0.75
0.25
0.50
0
050
75
100
125
150
175
200
Lead Temperature (°C)
60 Hz
RESISTIVE OR
INDUCTIVE LOAD
10
15
20
25
30
0
1
10
100
Number of Cycles @ 60 Hz
8.3 ms
Single Half
Sine-Wave
(JEDEC Method)
CD214A-R12000R
Typical Instantaneous Forward Characteristics
Typical Reverse Characteristics
0.01
0.10
1.00
10.00
0
0.2
0.4
0.6
0.8
1.2
1.3
1.0
Instantaneous Forward Voltage (Volts)
TJ = 25 °C
CD214A-R12000R
0.01
0.1
1.0
10
020
40
60
80
100 110
Percent of Rated Peak Reverse Voltage (%)
TJ = 125 °C
TJ = 25 °C
Typical Junction Capacitance
10
20
6
4
2
1
0.1 0.2 0.4
1.0
2
4
10
20
40
100
Reverse Voltage (Volts)
TJ = 25 °C
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal
disclaimers as set forth on the last page of this document, and at
www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com