Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD214A-R12000R Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CD214A-R12000R
Description  CD214A-R12000R Rectifier Chip Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214A-R12000R Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CD214A-R12000R Datasheet HTML 1Page - Bourns Electronic Solutions CD214A-R12000R Datasheet HTML 2Page - Bourns Electronic Solutions CD214A-R12000R Datasheet HTML 3Page - Bourns Electronic Solutions CD214A-R12000R Datasheet HTML 4Page - Bourns Electronic Solutions CD214A-R12000R Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CD214A-R12000R Rectifier Chip Diode
Features
■
RoHS compliant*
■
Low profile
■
Low power loss, high efficiency
■
UL 94V-0 rating
■
Halogen free**
Applications
■
Switch Mode Power Supplies
■
Portable equipment batteries
■
High frequency rectification
■
DC/DC Converters
■
Telecommunications
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
General Information
Portable communications, computing and video equipment
manufacturers are challenging the semiconductor industry to
develop increasingly smaller electronic components.
Bourns offers Glass Passivated Rectifiers for rectification applications, in a compact
chip package compatible with DO-214AC (SMA) size format. The Glass Passivated
Rectifiers offer a forward current of 1 A with a choice of repetitive peak reverse voltage
of 2000 V.
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD214A-
Unit
R12000R
Maximum Repetitive Peak Reverse Voltage
VRRM
2000
V
Maximum Average Forward Current
IF(AV)
1A
Maximum Peak Forward Surge Current
(8.3 ms Single Half Sine-Wave)
IFSM
30
A
Operating Junction Temperature Range
TOPR
-65 to +175
°C
Storage Temperature Range
TSTG
-65 to +175
°C
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
Condition or Model
Min.
Typ.
Max.
Unit
Maximum Instantaneous Forward Voltage @1 A
(NOTE 1)
VF
1.1
V
DC Reverse Current
IR
VR = VRRM
TA = 25 °C
5
μA
TA = 125 °C
50
Typical Junction Capacitance
CJ
VR = 4 V,
f = 1.0 MHz
6pF
Typical Thermal
Resistance
(NOTE 2)
Junction to Ambient
RθJA
65
°C/W
Junction to Lead
RθJL
15
NOTES: (1) Pulse width 300 microsecond, 1 % duty cycle.
(2) Mounted on PCB with 5.0 x 5.0 mm (0.2 x 0.2 inch) copper pad areas.
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br)
and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer and Reproductive Harm - www.P65Warnings.ca.gov


Similar Part No. - CD214A-R12000R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214A-R1200 BOURNS-CD214A-R1200 Datasheet
359Kb / 5P
CD214A-R150~R11600 Glass Passivated Rectifiers
More results

Similar Description - CD214A-R12000R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214A-R150 BOURNS-CD214A-R150 Datasheet
359Kb / 5P
CD214A-R150~R11600 Glass Passivated Rectifiers
CD214A-B340LF BOURNS-CD214A-B340LF Datasheet
167Kb / 5P
CD214A-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
Schottky Barrier Rectifier Chip Diode
CD214A-B330LF BOURNS-CD214A-B330LF Datasheet
167Kb / 5P
CD214A-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
CD214A-B320LF BOURNS-CD214A-B320LF Datasheet
167Kb / 5P
CD214A-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
Schottky Barrier Rectifier Chip Diode
CD214C-S3X BOURNS-CD214C-S3X Datasheet
479Kb / 4P
Rectifier Chip Diode
CD214A-FS1X BOURNS-CD214A-FS1X Datasheet
185Kb / 5P
CD214A-FS1x Series Fast Response Rectifier Chip Diode
REV. 03/20
CD214A-RS1X BOURNS-CD214A-RS1X Datasheet
183Kb / 5P
CD214A-RS1x Series Fast Response Rectifier Chip Diode
REV. 03/20
CD214A-S1X BOURNS-CD214A-S1X Datasheet
184Kb / 5P
CD214A-S1x Series Rectifier Chip Diode
REV. 03/20
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com