Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMOD4510AI2 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ZMOD4510AI2
Description  Gas Sensor Module for OAQ targeting NO2 & O3
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4510AI2 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ZMOD4510AI2 Datasheet HTML 2Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 3Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 4Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 5Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 6Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 7Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 8Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 9Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ZMOD4510 Datasheet
© 2021 Renesas Electronics Corporation
6
June 30, 2021
2.3 Electrical Characteristics
The following values are valid at operating conditions unless noted otherwise.
Table 4.
Electrical Characteristics
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
Average Power: OAQ 1st Gen
Outdoor Air Quality
–
21
–
mW
Average Power: OAQ 2nd Gen
Selective ozone with ultra-low power
-
0.2
-
mW
IACTIVE
Supply Current, Active Mode including
Heater Current for OAQ 1st Gen
At VDD = 1.8 V
-
11
13
mA
At VDD = 3.3 V
-
8
10
mA
IACTIVE
Supply Current, Active Mode including
Heater Current for OAQ 2nd Gen
At VDD = 1.8 V
-
10
12
mA
At VDD = 3.3 V
-
6
8
mA
ISLEEP
Current during measurement delays
Sleep Mode ASIC
–
450
–
nA
PSRR
Power Supply Rejection Ratio
VDD ≥ 2.0 V
–
30
–
dB
Timing Accuracy
(Valid for Measurements Only);
(Sleep Timer is ±20%)
At room temperature; for timings
derived from the internal clock
-2
–
2
%
Over-temperature range; for timings
derived from the internal clock
-0.1
–
0.1
%/K
rADC
ADC Resolution
10
–
16
Bit
tSTA1
Start-up Time: VDD Ramp up to
Interface Communication
–
–
1
ms
fC,I2C
I2C Clock Frequency
–
–
400
kHz
tVPP
NVM Programming Time
–
6
16
ms
tRET_FTP
Data Retention
85°C junction temperature
10
–
–
years
NVM Programming Cycles
1000
–
–
cycles
Default Communication Address
7-bit slave address
–
33HEX
–
–
Blocking Capacitor for Power Supply
Ceramic type; recommended to be
placed close to VDDH of the gas
sensor module
100
–
–
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com