Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMOD4510AI2 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ZMOD4510AI2
Description  Gas Sensor Module for OAQ targeting NO2 & O3
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4510AI2 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ZMOD4510AI2 Datasheet HTML 15Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 16Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 17Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 18Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 19Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 20Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 21Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 22Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
12-LGA, Package Outline Drawing
3.0 x 3.0 x 0.7 mm Body, 0.5 x 1.0 mm Pitch
LGG12D1, PSC-4685-01, Rev 03, Page 2
Package Revision History
Rev 01.
Sept 12, 2019
Add Dimension on Gal Inlet Hole
Dec 17, 2019
Rev 02
Add Location Dimension Gal Inlet
Rev No.
Date Created
Description
Mar 10, 2021
Rev 03
Add Tolerance for Entire Body
© Renesas Electronics Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com