Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMOD4510AI2 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ZMOD4510AI2
Description  Gas Sensor Module for OAQ targeting NO2 & O3
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4510AI2 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ZMOD4510AI2 Datasheet HTML 12Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 13Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 14Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 15Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 16Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 17Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 18Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 19Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
ZMOD4510 Datasheet
© 2021 Renesas Electronics Corporation
16
June 30, 2021
12. Ordering Information
Part Number
Description and Package
MSL Rating
Carrier Type
Temp. Range
ZMOD4510AI1V
ZMOD4510 Sensor Module, 3.0 × 3.0 × 0.7 mm 12-LGA
3
Tray
-40° to +65°C
ZMOD4510AI1R
ZMOD4510 Sensor Module, 3.0 × 3.0 × 0.7 mm 12-LGA
3
Reel
-40° to +65°C
ZMOD4510AI2V
ZMOD4510 Sensor Module, 3.0 × 3.0× 0.7 mm 12-LGA,
shipped with removable protection sticker
3
Tray
-40° to +65°C
ZMOD4510AI2R
ZMOD4510 Sensor Module, 3.0 × 3.0 × 0.7 mm 12-LGA,
shipped with removable protection sticker
3
Reel
-40° to +65°C
ZMOD4510AI3V
ZMOD4510 Sensor Module, 3.0 × 3.0 × 0.9 mm 12-LGA,
IP67 rating
3
Tray
-40° to +65°C
ZMOD4510AI3R
ZMOD4510 Sensor Module, 3.0 × 3.0 × 0.9 mm 12-LGA
IP67 rating
3
Reel
-40° to +65°C
ZMOD4510AI4V
ZMOD4510 Sensor Module, 3.0 × 3.0 × 0.9 mm 12-LGA,
shipped with removable protection sticker and IP67 rating
3
Tray
-40° to +65°C
ZMOD4510AI4R
ZMOD4510 Sensor Module, 3.0 × 3.0 × 0.9 mm 12-LGA,
shipped with removable protection sticker and IP67 rating
3
Reel
-40° to +65°C
ZMOD4510-EVK-HC
ZMOD4510 Evaluation Kit including the ZMOD4510 Sensor Board, HiCom Communication Board (USB Interface)
and Micro-USB Cable. The Gas Sensor Evaluation Software is available for download free of charge on
ZMOD4510 Evaluation Kit product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com