Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMOD4510AI2 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ZMOD4510AI2
Description  Gas Sensor Module for OAQ targeting NO2 & O3
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4510AI2 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ZMOD4510AI2 Datasheet HTML 11Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 12Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 13Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 14Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 15Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 16Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 17Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 18Page - Renesas Technology Corp ZMOD4510AI2 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
ZMOD4510 Datasheet
© 2021 Renesas Electronics Corporation
15
June 30, 2021
9. Related Websites and Software
Visit the ZMOD4510 and ZMOD4510 Evaluation Kit (ZMOD4510-EVK) product pages on the Renesas website to download software and the
latest version of related documents, such as application notes, white papers, product briefs, and third-party reports.
Note that some documents require logging in with a free customer account, which can be set up under the “LOG IN” button on the website.
Some downloads require an additional step to complete a request form that appears when the link is clicked.
If further support is needed for downloading, contact Renesas via the contact information on the last page.
10. Package Outline Drawings
The ZMOD4510’s different packages are listed in Table 10.
Table 10. Package Options
Part Number
Version
Comment
Package Link
ZMOD4510AI1
Standard
Standard package
3.0 × 3.0 × 0.7 mm,
12-LGA
ZMOD4510AI2
Sticker
This package shipped with a sticker on top of the lid to protect sensor during
assembly. Note, the sticker has to be removed after assembly.
ZMOD4510AI3
Waterproof
This package uses a membrane to get IP67 rating.
3.0 × 3.0 × 0.9 mm,
12-LGA
ZMOD4510AI4
Waterproof +
Sticker
This package uses a membrane to get IP67 rating and is shipped with a sticker on
top of the lid to protect sensor during assembly. Note, the sticker has to be
removed after assembly.
11. Marking Diagram
4510AI1
LOT
YYWW
1. Line 1 is the truncated part number.
2. Line 2 – “LOT” denotes the assembly lot number.
3. Line 2 – “YYWW” are the last two digit of the year and week that the part was assembled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com