Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1B21 Datasheet(PDF) 5 Page - Analog Devices

Part # 1B21
Description  Isolated, Loop-Powered Voltage-to-Current Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

1B21 Datasheet(HTML) 5 Page - Analog Devices

  1B21 Datasheet HTML 1Page - Analog Devices 1B21 Datasheet HTML 2Page - Analog Devices 1B21 Datasheet HTML 3Page - Analog Devices 1B21 Datasheet HTML 4Page - Analog Devices 1B21 Datasheet HTML 5Page - Analog Devices 1B21 Datasheet HTML 6Page - Analog Devices 1B21 Datasheet HTML 7Page - Analog Devices 1B21 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1B21
Rev. C | Page 5 of 8
INSIDE THE 1B21
Referring to the functional block diagram (see Figure 3), the
±15 V power inputs provide power to both the input side
circuitry and the power oscillator. The 25 kHz power oscillator
provides both the timing information for the signal modulator
and drives transformer T2 for the output side power supplies.
The secondary winding of T2 is full wave rectified and filtered
to create the output side power.
This maps the input voltage into a 4 V span. To create a 1 V
offset at the output of the internal amplifier (4 mA at the output
of the 1B21) a current derived from the reference can be fed
into the summing node. The offset resistor (for a 1 V output
offset) is given by the equation: RO = 6.225 RF. For most
applications, it is recommended that RF be in the 25 kΩ ±20%
range. Resistor values for typical input and output ranges are
shown in Table 2.
18
1
38
17
19
20
22
21
COM
T2
1B21
FB
INPUT
OUT
HIGH
OUT
LOW
REF
OUT
+15V
–15V
T1
SIGNAL
ISOLATION
POWER
ISOLATION
TIMING
TIMING
RECTIFIER
OSCILLATOR
MODULATOR
DEMODULATOR
REF
VLOOP
Figure 3. 1B21 Functional Block Diagram
The input stage is configured as an inverting amplifier with
three user-supplied resistors for gain, offset, and feedback.
The conditioned signal is modulated to generate a square wave
with a peak-to-peak amplitude proportional to VIN. The signal
drives the signal transformer T1. An internal reference with a
nominal output voltage of +6.225 V and tempco of ±15 ppm/°C
is provided to develop a 4 mA offset for 4 mA to 20 mA current
loop applications.
After passing through signal transformer T1, the amplitude
modulated signal is demodulated and filtered by a single pole
filter. Timing information for the output side is derived from
the power transformer T2. The filtered output provides the
control signal for the voltage-to-current converter stage. An
external power supply is required in series with the load to
complete the current loop.
USING THE 1B21
Input Configurations
The 1B21 has been designed with a flexible input stage for a
variety of input and output ranges. The basic interconnection
for setting gain and offset is shown in Figure 4. The output of
the internal amplifier is constrained to 0 to −5 V, which maps
into 0 to 20 mA across the isolation barrier. Thus to create a
4 mA offset at the output, the input amplifier has to be offset
by 1 V.
For example, for 0 to 20 mA operation, the transfer function for
the input stage is
5/VIN = RF/RI
and no offset resistor is needed. For 4 mA to 20 mA operation
one gets
4/VIN = RF/RI
1
38
RECTIFIER
OSCILLATOR
REF
VIN
+15V
COM
–15V
RI
RLOAD
RF
RO
18
17
19
20
4.7µF/20V
+
+
22
21
FB
INPUT
1B21
Figure 4. Basic Interconnections
Table 2. Resistor Values for Typical Ranges
Input Volts
Output mA
RI kΩ
RF kΩ
RO kΩ
0 to 5
0-20
25
25
Open
0 to 10
0-20
50
25
Open
0 to 5
4-20
25
20
124.3
0 to 10
4-20
50
20
124.3
1 to 5
4-20
25
25
Open
Adjustments
Figure 5 is an example of using potentiometers for trimming
gain and offset for a 0 V to 5 V input and 0 V to 20 mA output.
The network for offset adjustment keeps the resistors relatively
small to minimize noise effects while giving a sensitivity of ±1%
of span. For more adjustment range, resistors smaller than 274 k
can be used. Resistor values from Table 2 can be substituted for
other input and output ranges.
In general, any bipolar voltage can be input to the 1B21 as
long as it is offset to meet the 0 V to −5 V constraint of the
modulator and the input signal range is 1 V minimum.
1
38
RECTIFIER
OSCILLATOR
REF
VIN
+15V
COM
–15V
18
17
1k
Ω
50k
Ω
19.6k
Ω
20k
Ω
FB
INPUT
20k
Ω
274k
Ω
19
20
21
22
1k
Ω
+15V
–15V
1B21
Figure 5. Offset and Span Adjustment



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com