Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1B21 Datasheet(PDF) 3 Page - Analog Devices

Part # 1B21
Description  Isolated, Loop-Powered Voltage-to-Current Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

1B21 Datasheet(HTML) 3 Page - Analog Devices

  1B21 Datasheet HTML 1Page - Analog Devices 1B21 Datasheet HTML 2Page - Analog Devices 1B21 Datasheet HTML 3Page - Analog Devices 1B21 Datasheet HTML 4Page - Analog Devices 1B21 Datasheet HTML 5Page - Analog Devices 1B21 Datasheet HTML 6Page - Analog Devices 1B21 Datasheet HTML 7Page - Analog Devices 1B21 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1B21
Rev. C | Page 3 of 8
SPECIFICATIONS
Typical at +25°C and VS = ±15 V, unless otherwise noted.
Table 1.
Parameter
Specification
INPUT SPECIFICATIONS
Input Range
0 V to + 10 V
Full-Scale Input
+1 V min to +10 V max
Input Bias Current
±30 pA (±400 pA max)
OUTPUT SPECIFICATIONS
Current Output Range
4 mA to 20 mA, 0 mA to 20 mA
Load Compliance at VLOOP = 30 V
27 V min
Max Output Current @ Input Overload
25 mA
Output Noise, 100 Hz Bandwidth
1 μA p-p
NONLINEARITY (% of Span)
±0.02% (±0.05% max)
ISOLATION
CMV, Input to Output Continuous
1500 V rms
CMR @ 60 Hz
90 dB min
Transient Protection
IEEE-STD 472 (SWC)
ACCURACY
Warm-Up Time to Rated Performance
5 min
Total Output Error @ +25°C (Untrimmed)
Offset (VIN = 0 V)1
±100 μA
Span (VIN = +10 V)
±0.6% FSR
vs. Temperature (−25°C to +85°C)
Offset2
±300 nA/°C
Span
±50 ppm/°C
REFERENCE OUTPUT
Voltage
+6.225 V dc
Output Error
±1.0% max
Temperature Coefficient
±15 ppm/°C typ
DYNAMIC RESPONSE
Settling Time to 0.1% of FS for 10 V Step
9 ms
Small Signal Bandwidth
100 Hz
POWER SUPPLY
Input Side
Operating Voltage
±15 V ±5%
Quiescent Current
+15 V Supply
10 mA
−15 V Supply
5 mA
Power Supply Rejection
±0.01% V
Loop Side
Operating Voltage
+15 V to +30 V
Maximum Current
25 mA
ENVIRONMENTAL
Temperature Range
Rated Performance
−25°C to +85°C
Operating
−40°C to +85°C
Storage
−40°C to +85°C
Relative Humidity, Noncondensing
0 to 95% @ +60°C
CASE SIZE
0.7” × 2.1” × 0.35”
(17.8 × 53.3 × 8.9) mm
1 For 0 mA to 20 mA mode. For 4 mA to 20 mA mode, an additional 60 μA is contributed by the ±1.0% reference error on the 4 mA output.
2 For a complete discussion of the temperature effects of the offset resistor and reference, refer to the
section.
Using the 1B21



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com