Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1B21 Datasheet(PDF) 7 Page - Analog Devices

Part # 1B21
Description  Isolated, Loop-Powered Voltage-to-Current Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

1B21 Datasheet(HTML) 7 Page - Analog Devices

  1B21 Datasheet HTML 1Page - Analog Devices 1B21 Datasheet HTML 2Page - Analog Devices 1B21 Datasheet HTML 3Page - Analog Devices 1B21 Datasheet HTML 4Page - Analog Devices 1B21 Datasheet HTML 5Page - Analog Devices 1B21 Datasheet HTML 6Page - Analog Devices 1B21 Datasheet HTML 7Page - Analog Devices 1B21 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1B21
Rev. C | Page 7 of 8
APPLICATIONS INFORMATION
OUTPUT PROTECTION
In many industrial applications, it may be necessary to protect
the current output from accidental shorts to ac line voltages in
addition to high common-mode voltages and short circuits
to ground. The circuit show in Figure 6 can be used for this
purpose. The maximum permissible load resistance will be
lowered by the fuse resistance (typically 8 Ω) when protection
circuitry is utilized.
1
38
RECTIFIER
1N4002
1N4002
OSCILLATOR
REF
REF OUT
+15V
COM
–15V
18
19
17
20
22
21
FB
INPUT
1B21
50V
0.1µF
RLOAD
GE
VARISTOR
V27ZA1
FUSE
1/16A (S.B.)
VLOOP
Figure 6. Output Protection Circuitry
LOW DRIFT INPUT NETWORK
Figure 7 shows a configuration suitable for applications where
errors have to be minimized over a wide temperature range. A
temperature tracking network such as a 50 k Beckman (PN 698-
3R50KD) can be used to implement both offset and gain for
either 0 mA to 20 mA or 4 mA to 20 mA current loops. For
0 V to 10 V signals either IN1 or IN2 can be used for input.
For 0 V to 5 V signals, jumper In1 to In2. Similarly, for 4 mA
to 20 mA operation the 4 mA node should be jumpered to
OFFSET, while for 0 mA to 20 mA it should be tied to COM.
1
38
RECTIFIER
OSCILLATOR
REF
+15V
COM
–15V
18
19
17
20
22
21
FB
INPUT
1B21
1%
24.3k
Ω
BECKMAN 50k
Ω R/N
NOTES
1. NODES LABELLED FOR ILLUSTRATION ONLY.
IN2
IN1
OFFSET
4mA
COM
Figure 7. Low Tempco Resistor Network Configuration
MULTILOOP ISOALTION
Multiple 1B21s can be connected to a single loop supply in
parallel as show in Figure 8. The amperage of the loop supply
should be sufficient to drive all the loops at full-scale output.
VLOOP
1B21
RL2
38
1
1
1B21
RL1
38
Figure 8. Multiple 1B21s with Single Loop Supply



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com