Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1B21 Datasheet(PDF) 1 Page - Analog Devices

Part # 1B21
Description  Isolated, Loop-Powered Voltage-to-Current Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

1B21 Datasheet(HTML) 1 Page - Analog Devices

  1B21 Datasheet HTML 1Page - Analog Devices 1B21 Datasheet HTML 2Page - Analog Devices 1B21 Datasheet HTML 3Page - Analog Devices 1B21 Datasheet HTML 4Page - Analog Devices 1B21 Datasheet HTML 5Page - Analog Devices 1B21 Datasheet HTML 6Page - Analog Devices 1B21 Datasheet HTML 7Page - Analog Devices 1B21 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Isolated, Loop-Powered
Voltage-to-Current Converter
1B21
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1991–2009 Analog Devices, Inc. All rights reserved.
FEATURES
Wide input range: 0 V to 1 V up to 0 V to 10 V
High CMV isolation: 1500 V rms
Programmable output ranges: 4mA to 20mA
0 to 20 mA
Load resistance range: 0 to 1.35 kΩ maximum
High accuracy
Low offset tempco: ±300 nA/°C
Low gain tempco: ±50 ppm/°C
Low nonlinearity: ±0.02%
High CMR: 90 dB minimum
Small package: 0.7” × 2.1” × 0.35”
Meets IEEE Standard 472: transient protection (SWC)
APPLICATIONS
Multichannel process control
DAC—current loop interface
Analog transmitters and controllers
Remote data acquisition systems
FUNCTIONAL BLOCK DIAGRAM
1
18
38
17
19
20
22
21
FB
INPUT
OUT
HIGH
OUT
LOW
REF
OUT
+15V
–15V
COM
T2
T1
SIGNAL
ISOLATION
POWER
ISOLATION
TIMING
1B21
TIMING
RECTIFIER
MODULATOR
DEMODULATOR
OSCILLATOR
REF
Figure 1.
GENERAL DESCRIPTION
The 1B21 is an isolated voltage-to-current converter that
incorporates a unique circuit design utilizing transformer-based
isolation and automated surface-mount manufacturing technology.
It provides an unbeatable combination of versatility and perfor-
mance in a compact plastic package. Designed for industrial
applications, it is especially suited for harsh environments with
extremely high common-mode interference.
Functionally, the V/I converter consists of four basic sections:
input conditioning, modulator, demodulator and current source
(see Figure 1). The input is a resistor-programmable gain stage
that accepts a 0 V to 1 V up to 0 V to 10 V voltage input. This
maps into a 0 mA to 20 mA output or can be offset by 20%
using the internal reference for 4 mA to 20 mA operation. The
high level signal is modulated and passed across the barrier
which provides complete input to output galvanic isolation of
1500 V rms continuous by the use of transformer-coupling
techniques. Nonlinearity is an excellent ±0.05% maximum.
Designed for multichannel applications, the 1B21 requires an
external loop supply and can accept up to 30 V maximum. This
provides a loop supply compliance of 27V, which is sufficient to
drive a 1.35 kΩ load resistance.
The 1B21 is fully specified over −25°C to +85°C and operates
over the industrial (−40°C to +85°C) temperature range.
DESIGN FEATURES AND USER BENEFITS
High CMV Isolation. The 1B21 features high input to output
galvanic isolation to eliminate ground loops and offer protection
against damage from transients and fault voltages. The isolation
barrier will withstand continuous CMV of 1500V rms and
meets the IEEE Standard for Transient Voltage Protection
(Std. 472-SWC).
Small Size. The 1B21 package size (0.7” × 2.1” DIP) makes it an
excellent choice in multichannel systems for maximum channel
density. The 0.35” height also facilitates applications with
limited board clearance.
Ease of Use. Complete isolated voltage-to-current conversion
with minimum external parts required to get a conditioned
current signal. No external buffers or drivers are required.


Similar Part No. - 1B21

ManufacturerPart #DatasheetDescription
logo
Analog Devices
1B21 AD-1B21 Datasheet
229Kb / 4P
Isolated, Loop-Powered Voltage-to-Current Converter
1B21AN AD-1B21AN Datasheet
229Kb / 4P
Isolated, Loop-Powered Voltage-to-Current Converter
1B21 AD-1B21_15 Datasheet
147Kb / 8P
Isolated, Loop-Powered Voltage-to-Current Converter
REV. C
More results

Similar Description - 1B21

ManufacturerPart #DatasheetDescription
logo
Analog Devices
1B21 AD-1B21 Datasheet
229Kb / 4P
Isolated, Loop-Powered Voltage-to-Current Converter
1B22 AD-1B22 Datasheet
232Kb / 4P
Programmable, Isolated Voltage-to-Current Converter
REV.B
logo
List of Unclassifed Man...
2B22 ETC1-2B22 Datasheet
32Kb / 1P
High Performance, Isolated Voltage-to-Current Converter
2B23 ETC1-2B23 Datasheet
29Kb / 1P
Programmable Output, Isolated Voltage-to-Current Converter
logo
Intronics Power, Inc.
2B22 INTRONICS-2B22 Datasheet
984Kb / 4P
High performance, Isolated Voltage-to-current Converter
logo
Analog Devices
1B21 AD-1B21_15 Datasheet
147Kb / 8P
Isolated, Loop-Powered Voltage-to-Current Converter
REV. C
1B22 AD-1B22_15 Datasheet
230Kb / 4P
Programmable, Isolated Voltage-to-Current Converter
REV. B
2B22 AD-2B22_15 Datasheet
1Mb / 4P
HIGH PERGORMANCE ISOLATED VOLTAGE TO CURRENT CONVERTER
logo
Advantech Co., Ltd.
232CLDR ADVANTECH-232CLDR Datasheet
480Kb / 2P
UL Rated, Isolated Current Loop Converter
logo
Weidmuller
2517450000 WEIDMULLER-2517450000 Datasheet
533Kb / 4P
Signal converter/insulator, Output current loop powered
February 18, 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com