Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-2817-R010-5W Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # SMT-2817-R010-5W
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMT-2817-R010-5W Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button SMT-2817-R010-5W Datasheet HTML 28Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 29Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 30Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 31Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 32Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 33Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 34Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 35Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
User Manual
32 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M3-IM564
= +
Thus we get the following formula:
=∆. = −×
According to the test set-up, the test results are shown in Figure 30 below. The IPM case temperature is
detected for about one hour, until the temperature is stable.
Figure 30 Heatsink thermal testing result
Therefore, the final case-to-ambient resistance value is roughly:
=2.4℃/
Please note that thermal resistance is calculated with a fan voltage of 10 V. For higher power capability, fan
input voltage can be increased up to 15 V by U10 (IFX91041EJV, DC-DC voltage regulator), which controls the
fan voltage based on the PFC current sensing op-amp output voltage.
4.4.2
System power output capability
In order to test the total ouput power capability of the MADK system as in Figure 2, the DCB case temperature is
tested with different MADK output power.
Test conditions are: ambient temperature Ta=25 ℃, AC input voltage is VAC=220 V/50Hz, bus voltage is
VDC=380 V, PFC PWM frequency is 50 kHz and inverter frequency is 6 kHz.
Figure 31 MADK ouput power capability test result



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com