Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-2817-R010-5W Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SMT-2817-R010-5W
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMT-2817-R010-5W Datasheet(HTML) 1 Page - Infineon Technologies AG

  SMT-2817-R010-5W Datasheet HTML 1Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 2Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 3Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 4Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 5Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 6Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 7Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 8Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
User Manual
Please read the Important Notice and Warnings at the end of this document
Revision 1.4
www.infineon.com
page 1 of 47
2020-07-16
AN2019-04 EVAL-M3-IM564 User Manual
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
About this document
Scope and purpose
This user manual provides an overview of the evaluation board EVAL-M3-IM564 including its main features, key
data, pin assignments and mechanical dimensions.
EVAL-M3-IM564 is an evaluation board as part of the iMOTION™ modular application design kit. This power
board includes a PFC integrated 3-phase CIPOS™ Mini intelligent power module (IPM) for motor drive
applications. In combination with the control board equipped with the M3 30-pin interface connector such as
EVAL-M3-102T, it features and demonstrates Infineon’s CIPOS™ Mini IPM technology and advanced motion
control engine (MCE 2.0) technology for permanent magnet motors drive over the full speed range.
The inverter section has 600 V of voltage and 20 A of current rating, and the PFC section has 600 V of voltage and
20 A of current rating. It is optimized to major home appliances like air conditioners and low power motor dirve
applications with high-frequency switching operation of power factor correction.
This evaluation board EVAL-M3-IM564 was developed to support customers during their first steps designing
applications with CIPOS™ Mini PFC integrated IPM IM564-X6D/IM564-X6DS and running any permanent magnet
motor via sensorless sinusoidal control.
Intended audience
This user manual is intended for all technical specialists who know motor control and high-power electronics
converters. The board is intended to be used under laboratory conditions.
Attention:
The Evaluation Boards and Reference Boards as well as the information in this document are
solely intended to support designers of applications in evaluating the use of products from
Infineon Technologies for their intended applications.
Environmental conditions have been considered in the design of the Evaluation Boards and
Reference Boards provided by Infineon Technologies. The design of the Evaluation Boards
and Reference Boards has been tested by Infineon Technologies only as described in this
document. The design is not qualified in terms of safety requirements, manufacturing and
operation over the entire operating temperature range or lifetime.
The Evaluation Boards and Reference Boards provided by Infineon Technologies are subject
to functional testing only under typical load conditions. Evaluation Boards and Reference
Boards are not subject to the same procedures as regular products regarding returned
material analysis (RMA), process change notification (PCN) and product discontinuation (PD).
Evaluation Boards and Reference Boards are not commercialized products, and are solely
intended for evaluation and testing purposes. In particular, they shall not be used for
reliability testing or production. The Evaluation Boards and Reference Boards may therefore
not comply with CE or similar standards (including but not limited to the EMC Directive
2004/EC/108 and the EMC Act) and may not fulfill other requirements of the country in which
they are operated by the customer. The customer shall ensure that all Evaluation Boards and


Similar Part No. - SMT-2817-R010-5W

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMT-200 SEMPO-SMT-200 Datasheet
38Kb / 1P
Phase Control Thyristor
SMT-200-06 SEMPO-SMT-200-06 Datasheet
102Kb / 1P
Thyristor Module
SMT-200-08 SEMPO-SMT-200-08 Datasheet
102Kb / 1P
Thyristor Module
SMT-200-12 SEMPO-SMT-200-12 Datasheet
102Kb / 1P
Thyristor Module
SMT-200-14 SEMPO-SMT-200-14 Datasheet
102Kb / 1P
Thyristor Module
More results

Similar Description - SMT-2817-R010-5W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
UG2020-29 INFINEON-UG2020-29 Datasheet
3Mb / 39P
EVAL-M1-IM535 user guide iMOTION??modular application design kit
V1.0 2020-09-30
EVAL-M1-05-65D INFINEON-EVAL-M1-05-65D Datasheet
1Mb / 28P
iMOTION™ Modular Application Design Kit
Revision 2.1 2018-07-09
EVAL-M1-101T INFINEON-EVAL-M1-101T Datasheet
1Mb / 33P
iMOTION™ Modular Application Design Kit
Revision 1.6 2018-11-27
EVAL-M1-36-45A INFINEON-EVAL-M1-36-45A Datasheet
967Kb / 30P
iMOTION Modular Application Design Kit
Revision 1.2 2018-09-23
EVAL-M1-CM610N3 INFINEON-EVAL-M1-CM610N3 Datasheet
731Kb / 26P
iMOTION™ Modular Application Design Kit
Revision 1.0 2017-05-22
EVAL-M1-IM240-A INFINEON-EVAL-M1-IM240-A Datasheet
1Mb / 36P
iMOTION™ modular application design kit
Revision 1.1 2020-09-29
EVAL-M1-IM818-A INFINEON-EVAL-M1-IM818-A Datasheet
1Mb / 35P
Modular application design kit (MADK) of IM818
Revision 1.4 2021-09-10
EVAL-M3-102T INFINEON-EVAL-M3-102T Datasheet
1Mb / 41P
iMOTION™ Modular Application Design Kit
Revision 1.6 2019-07-16
EVAL-M3-CM615PN INFINEON-EVAL-M3-CM615PN Datasheet
1Mb / 41P
iMOTION™ Modular Application Design Kit
Revision 1.4 2019-10-11
UG-2021-01 INFINEON-UG-2021-01 Datasheet
1Mb / 38P
iMOTION™ modular application design kit
V0.1 2021-03-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com