Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-2817-R010-5W Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # SMT-2817-R010-5W
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMT-2817-R010-5W Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button SMT-2817-R010-5W Datasheet HTML 12Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 13Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 14Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 15Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 16Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 17Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 18Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 19Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
User Manual
16 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Getting started with EVAL-M3-IM564
There are very limited numbers of parameters which are specific to the control board or power board
hardware. Table 6 provides the MCEWizard setup overview for hardware related parameters. Similar tables will
be available in each control board’s User Manual. Combination of this table and the corresponding table of the
control board provides enough information to set up the MADK-based motor drive system in the shortest time.
Table 6
MCEWizard setup overview table
Page
Parameter
Value
Comment
Welcome Page Control Board selecting
MADK control board name
Or select similar board
(IMC101/102/IMM/IMD)
Options Page Motor 1 Shunt Configuration
Single shunt
Question 2
Motor Rated Amps
9 Arms
GK6081-6AC31-FE
Question 3
Motor Poles
6
GK6081-6AC31-FE
Question 4
Motor Stator Resistance
0.3 ohms/phase
GK6081-6AC31-FE
Question 5
Motor Lq Inductance
2 mH
GK6081-6AC31-FE
Question 6
Motor Ld Inductance
2 mH
GK6081-6AC31-FE
Question 7
Motor Back EMF
Constant(Ke)
32 V (In-rms)/krpm
GK6081-6AC31-FE
Question 8
Motor Max RPM
3276 RPM
GK6081-6AC31-FE
Question 16
Target DC BUS Voltage
Initialization
360 V
For EVAL-M3-102T and
EVAL-M3-IM564 only
Question 24
Controller Supply Voltage
3.3 V
For EVAL-M3-102T and
EVAL-M3-IM564 only
Question 46
Max DC Bus Voltage
500 V
Question 50
DC Bus Sensing High Resistor 2000 KΩ
Power board’s parts
Question 51
DC Bus Sensing Low Resistor
Refer to control board user manual
(13.3 kΩ for EVAL-M3-102T default)
Control board’s parts
Question 72
NTC Over-Temperature
Voltage Threshold
Calculated as the Section 4.3.3
Refer to the control
board user manual
Question 78
Inverter Dead Time
~2 us
Depends on IPM
Question 80
GateSense Low-Side Devices
High is true
Question 81
GateSense High-Side Devices High is true
Question 83
Current Feedback and
Sample Timing
100 mV/A
For EVAL-M3-IM564
only
Question 84
Internal ADC Gain
1
Depends on AD range
Question 93
Overcurrent Trip Level for
Internal GateKill Comparator
20 A
For EVAL-M3-IM564
only
Question 107
PFC Topology
Boost PFC
Question 104
PFC Inductance
0.519 mH
For EVAL-M3-IM564
only
Question 110
PFC Current Measurement
Input Scaling
Calculated as the Section 4.1.3
Question 114
AC Voltage Sensing High
Resistor
2000 kΩ
Power board’s parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com