Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-2817-R010-5W Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SMT-2817-R010-5W
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMT-2817-R010-5W Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button SMT-2817-R010-5W Datasheet HTML 5Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 6Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 7Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 8Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 9Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 10Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 11Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 12Page - Infineon Technologies AG SMT-2817-R010-5W Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
User Manual
9 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Main features of EVAL-M3-IM564
Parameters
Values
Conditions / comments
PFC OCP2
22 Apeak
Configured by either PFC current sensing
resistor RS3, or adapting comparator
threshold divider resistor R5/R7 or R4/R8
Inverter OCP1
1
20 Apeak
Configured by MCEWizard only, OPA output
Max. range peak value is 31 Apeak(23.8 Arms)
Inverter OCP2
22 Apeak
Configured by changing shunt resistor RS4 , or
adapting comparator threshold divider
resistor R30/R31 or R19/R29
Inverter OCP3
25 Apeak
Configured by changing shunt resistor RS4 , or
threshold divider resistor R40/R41, ITRIP
positive going threshold is about 525 mV
Temperature trip level
100 °C
For controller board EVAL-M3-102T
On board power supply
15 V
15 V ± 5 %, max. 1 A
Used for CIPOS™ IPM gate driver & cooling fan
3.3 V
3.3 V ± 2 %, max. 20 mA
Supplying the 3.3 V to the controller board
and protection circuits
PCB characteristics
Material
FR4, 1.6 mm thickness, 2
layers.
35 µm copper thickness
Dimension
148 mm × 165 mm
System environment
Ambient temperature
25 °C
NA
1
For iMOTION™ IC IMC1xx, there are three types of Gatekill input source (Refer to section 4.2.3, or control board user manual for
details). Please note that if you select comparator for Gatekill input source, the external Gatekill signal will be not used. And the
signal I_Shunt will be compared by the internal comparator with the “Gatekill Comparator Reference” value set in MCEWizard only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com