Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS25BATR Datasheet(PDF) 13 Page - STMicroelectronics

Part # AIS25BATR
Description  Ultralow noise, wide bandwidth, 3-axis accelerometer with TDM interface for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS25BATR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AIS25BATR Datasheet HTML 9Page - STMicroelectronics AIS25BATR Datasheet HTML 10Page - STMicroelectronics AIS25BATR Datasheet HTML 11Page - STMicroelectronics AIS25BATR Datasheet HTML 12Page - STMicroelectronics AIS25BATR Datasheet HTML 13Page - STMicroelectronics AIS25BATR Datasheet HTML 14Page - STMicroelectronics AIS25BATR Datasheet HTML 15Page - STMicroelectronics AIS25BATR Datasheet HTML 16Page - STMicroelectronics AIS25BATR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
4.5.3
Configuration 3
•
Delayed: SLOT0 data MSB is sampled on the second rising edge of BCLK after rising edge of WCLK
(delayed I²C register TDM_CTRL_REG (2Eh) bit 6 equal to one)
•
Data valid: data valid on the rising edge of BCLK (data_valid I²C register TDM_CTRL_REG (2Eh) bit 5 equal
to zero)
Figure 7. WCLK, SDOUT change on the falling edge of BCLK and are valid on the rising edge of BCLK,
delayed
Note:
Setup and hold times are defined in Table 5. TDM interface characteristics.
4.5.4
Configuration 4
•
Delayed: SLOT0 data MSB is sampled on the second falling edge of BCLK after rising edge of WCLK
(delayed I²C register TDM_CTRL_REG (2Eh) bit 6 equal to one)
•
Data valid: data valid on the falling edge of BCLK (data_valid I²C register TDM_CTRL_REG (2Eh) bit 5
equal to one)
Figure 8. WCLK, SDOUT change on the rising edge of BCLK and are valid on the falling edge of BCLK,
delayed
Note:
Setup and hold times are defined in Table 5. TDM interface characteristics.
4.6
TDM clocks and MCLK requirements
The relationship between TDM clocks and MCLK should be:
•
Both BCLK and WCLK must be obtained from MCLK by integer division. This requirement is mandatory
since ADC is clocked by MCLK, so the TDM data rate must be perfectly synchronous in frequency and
phase with the decimated ADC data rate.
•
The BCLK/WCLK ratio must be an integer value.
AIS25BA
TDM clocks and MCLK requirements
DS14019 - Rev 1
page 13/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com