Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS25BATR Datasheet(PDF) 2 Page - STMicroelectronics

Part # AIS25BATR
Description  Ultralow noise, wide bandwidth, 3-axis accelerometer with TDM interface for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS25BATR Datasheet(HTML) 2 Page - STMicroelectronics

  AIS25BATR Datasheet HTML 1Page - STMicroelectronics AIS25BATR Datasheet HTML 2Page - STMicroelectronics AIS25BATR Datasheet HTML 3Page - STMicroelectronics AIS25BATR Datasheet HTML 4Page - STMicroelectronics AIS25BATR Datasheet HTML 5Page - STMicroelectronics AIS25BATR Datasheet HTML 6Page - STMicroelectronics AIS25BATR Datasheet HTML 7Page - STMicroelectronics AIS25BATR Datasheet HTML 8Page - STMicroelectronics AIS25BATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
1
Pin description
Figure 1. Pin connections
7
6
5
1
2
3
4
8
9
10
11
LGA 14L
2.5x2.5x0.86mm
BOTTOM
VIEW
GND
VDD
14
13
12
I2C_SCL
I2C_SDA
Decoupling ceramic capacitor of 10 µF
has to be placed between VDD and GND
pins.
I2C_A0
RES (VDD)
TDM_WCLK
TDM_BCLK
Table 1. Pin description
Pin#
Name
IN/OUT
Function
1
I2C_SCL
IN
I²C serial clock - SCL
2
I2C_SDA
IN/OUT
I²C serial data - SDA
3
TDM_BCLK
IN
TDM bit clock
4
TDM_WCLK
IN
TDM word clock
5
TDM_SDOUT
OUT
TDM serial data output
6
RES (GND)
-
Reserved pin (connect to GND)
7
TDM_MCLK
IN
TDM master clock
8
VDD
Power supply
9
GND
0 V supply
10
RES (VDD)
-
Reserved pin (connect to VDD)
11
I2C_A0
IN
I²C slave address selection
12
RES (GND)
-
Reserved pin (connect to GND)
13
RES (GND)
-
Reserved pin (connect to GND)
14
RES (GND)
-
Reserved pin (connect to GND)
AIS25BA
Pin description
DS14019 - Rev 1
page 2/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com