Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS25BATR Datasheet(PDF) 16 Page - STMicroelectronics

Part # AIS25BATR
Description  Ultralow noise, wide bandwidth, 3-axis accelerometer with TDM interface for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS25BATR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AIS25BATR Datasheet HTML 12Page - STMicroelectronics AIS25BATR Datasheet HTML 13Page - STMicroelectronics AIS25BATR Datasheet HTML 14Page - STMicroelectronics AIS25BATR Datasheet HTML 15Page - STMicroelectronics AIS25BATR Datasheet HTML 16Page - STMicroelectronics AIS25BATR Datasheet HTML 17Page - STMicroelectronics AIS25BATR Datasheet HTML 18Page - STMicroelectronics AIS25BATR Datasheet HTML 19Page - STMicroelectronics AIS25BATR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
6
Features
6.1
Self-test mode
In self-test mode the mechanical element is stimulated by electrostatic force to obtain an equivalent input force
applied to the sensor. This equivalent input force applied has to be comparable with the full-scale range in order
to have an effective self-test mode.
The self-test mode can be enabled using the I²C interface, setting the ST bit in register TEST_REG (0Bh) to 1.
For the self-test values of each axis please refer to Table 2. Mechanical characteristics.
6.2
Power cycle/reset information
6.2.1
TDM interface power-on sequence
In TDM, the AIS25BA starts in disabled mode with the following sequence.
Figure 9. Power-on sequence (TDM interface)
In the figure above, T0 represents the time when Vdd reaches 90% of the final value.
After TDIS = 5.5 ms the AIS25BA reaches the disabled mode condition.
The TDM interface must be activated explicitly with I²C configuration. The first 3 samples after the enabling of
the TDM may be invalid samples due to the fact that the interface should sync on the external WCLK. The
samples will be invalid also after any subsequent disable-enable transition that may happen. TDM protocol can be
changed on the fly, but also in this case the first 3 samples after the TDM configuration change will be invalid.
AIS25BA
Features
DS14019 - Rev 1
page 16/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com