Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS25BATR Datasheet(PDF) 19 Page - STMicroelectronics

Part # AIS25BATR
Description  Ultralow noise, wide bandwidth, 3-axis accelerometer with TDM interface for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS25BATR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AIS25BATR Datasheet HTML 15Page - STMicroelectronics AIS25BATR Datasheet HTML 16Page - STMicroelectronics AIS25BATR Datasheet HTML 17Page - STMicroelectronics AIS25BATR Datasheet HTML 18Page - STMicroelectronics AIS25BATR Datasheet HTML 19Page - STMicroelectronics AIS25BATR Datasheet HTML 20Page - STMicroelectronics AIS25BATR Datasheet HTML 21Page - STMicroelectronics AIS25BATR Datasheet HTML 22Page - STMicroelectronics AIS25BATR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
8
Register description
8.1
TEST_REG (0Bh)
Self-test register (R/W)
Table 18. TEST_REG register
0(1)
0(1)
0(1)
0(1)
ST
0(1)
0(1)
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 19. TEST_REG register description
ST
Enables self-test mode. Default value: 0
(0: disabled; 1: enabled)
8.2
WHO_AM_I (0Fh)
Device identification register (R)
Table 20. WHO_AM_I register
0
0
1
0
0
0
0
0
8.3
TDM_cmax (24h-25h)
TDM counter max value when the BCLK autoconfiguration feature is disabled (R/W)
Table 21. TDM_cmax register
-
-
-
-
TDM_cmax[11:8] MSB
TDM_cmax[7:0] LSB
8.4
CTRL_REG_1 (26h)
Control register (R/W)
Table 22. CTRL_REG_1 register
0(1)
0(1)
PD
0(1)
0(1)
0(1)
0(1)
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 23. CTRL_REG_1 register description
PD
Device in disabled mode. Default value: 1
(0: normal mode; 1: disabled mode: minimum power consumption, I²C still active)
AIS25BA
Register description
DS14019 - Rev 1
page 19/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com