Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R005E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AMK-R005E
Description  Intel® Atom® E3940 SoC Modular Fanless Box PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R005E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AMK-R005E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R005E Datasheet HTML 2Page - Advantech Co., Ltd. AMK-R005E Datasheet HTML 3Page - Advantech Co., Ltd. AMK-R005E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
ARK-2232L A2
Dimensions
Unit: mm
Front Panel External I/O Mechanical Layout/Drawing
Rear Panel External I/O Mechanical Layout/Drawing
Ordering Information
Part No.
CPU
VGA HDMI
GbE USB
2.0
USB
3.0
RS-232 RS-232/422/485 Audio
Full-size
MinePCIe M.2 SIM mSATA
2.5" SATA III
HDD Bay
Power
Input
Operating
Temp.
ARK-2232L-S6A2
Intel Atom E3940
1.6 GHz SoC
Yes
Yes
2
4
2
2
2
Lin-out,
MIC-IN
1
1
1
1
1
12 VDC
-20 ~ 60 °C
Note: Memory, storage and operating system bundled by request.
*Power Input module by option
Packing List
Part Number
Description
-
1 x ARK-2232L Unit
-
1 x User Manual (Simplified Chinese)
-
1 x China RoHS
-
Wall mounting kit
78.6
276.0
Ø5.0
Ø4.0
260.40
288
260.00
HDMI
LAN2 LAN1
DC INPUT
USB3 USB1
USB4 USB2
VGA
LINE-OUT
MIC-IN
COM2
COM4
COM1
COM3
i Door Module
HDD LED
PWR LED
USB5
USB6
Digital IO
ON/OFF
HDMI
LAN2 LAN1
DC INPUT
USB3 USB1
USB4 USB2
VGA
LINE-OUT
MIC-IN
COM2
COM4
COM1
COM3
i Door Module
HDD LED
PWR LED
USB5
USB6
Digital IO
ON/OFF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com