Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R005E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AMK-R005E
Description  Intel® Atom® E3940 SoC Modular Fanless Box PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R005E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AMK-R005E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R005E Datasheet HTML 2Page - Advantech Co., Ltd. AMK-R005E Datasheet HTML 3Page - Advantech Co., Ltd. AMK-R005E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Fanless Embedded Box PCs
Features
ARK-2232L A2
ƒ Intel® Atom® E3940 Quad Core SoC
ƒ Dual independent displays with one 4K HDMI and one VGA
ƒ 12V lockable DC jack power input
ƒ 9-36V power module compatible with all-in-one ordering
ƒ -20 ~ 60 °C extend operating temperature
ƒ Mini PCIe expansion with SIM holder for communication module
ƒ M.2 NGFF 2230 E Key for WiFi communication module
ƒ mSATA and 1 x 2.5" SATA storage device
ƒ Advantech iDoor module compatible
ƒ Advantech EMIO miniPCIe module compatible with all-in-one ordering
ƒ Advantech MIOe module compatible with all-in-one ordering (2 Layers)
Intel® Atom® E3940 SoC Modular
Fanless Box PC
ARK-2232L-S6A2
Processor System
CPU
Intel Atom E3940 Quad Core SoC
Frequency
1.6 GHz, turbo burst 1.8 GHz
L2 Cache
2MB
BIOS
AMI EFI 64-bit
Memory
Technology
DDR3L 1866 MHz
Max. Capacity
8 GB
Socket
1 x 204-pin SO-DIMM
Graphics
Chipset
Intel HD Graphics 500
Graphic Engine
4K Codec Decode& Encode for H.264, MPEG2, MVC, VC-1, WMV9, H.265 / HEVC, VP8, JPEG / MJPEG
VGA
Up to 1920 x 1200 @ 60Hz
HDMI
HDMI 1.4b for HD video playback, 3840 x 2160 at 30Hz
Dual Display
Yes, VGA + HDMI
Ethernet
LAN1
10/100/1000 Mbps Intel i210-IT GbE, supports Wake On LAN
LAN2
10/100/1000 Mbps Intel i210-IT GbE, supports Wake On LAN
Audio
Interface
Realtek ALC888S, High Definition Audio. Line-out, Mic-in
IO Interface
Serial Ports
2 x RS-232 ports, 2 x RS-232/422/485 port with auto flow control
Digital I/O
8-bit programmable general purpose input/output
USB Interface
2 x USB 3.0, 4 x USB 2.0
TPM
TPM 2.0 power by Infineon SLB9665TT2.0 (by project support)
Other
Watchdog timer
255 levels timer interval, setup by software
Expansion
Mini PCIe
1 x full size Mini PCIe with SIM holder (PCIex1, USB 2.0, UIM, SATA III) #1
M.2
1 x M.2 2230 E Key (PCIex1, UBS 2.0) #1
Storage
HDD
Supports one SATA 2.5" HDD Bay (Compatible with 12.5mm height HDD) (Max. Data Transfer Rate 300 MB/s)
mSATA
1 x full size mSATA socket (share with miniPCIe)
Software Support
Microsoft Windows
Windows 10
Linux
Support by project
Power Requirements
Power Type
AT/ATX
Power Input Voltage
12VDC (9-36V as option)
Minimum Power Input
12 V, 5 A
Power Adapter
AC to DC, DC12V/5A, 60W (Optional)
Power Consumption
(CPU/Memory only)
Typical
7.79W
Max.
17.48W
Mechanical
Construction
Aluminum housing
Mounting
Desk/Wall-mounting (Default), Din-Rail mounting (Optional kit), VESA mounting (Optional kit)
Dimensions (W x H x D)
260 x 44 x 140.2 mm (10.24" x 1.73" x 5.52")
Weight
Net Weight: 1.9kg (4.19 lbs); Gross Weight: 2.9kg (6.39 lbs)
Environment
Operating Temperature
With extended temperature peripherals: -20 ~ 60 °C (-4 ~ 140 °F) with 0.7m/s air flow
With 2.5-inch hard disk 0 ~ 40 °C (32 ~ 104 °F) with 0.7m/s air flow
Storage Temperature
- 40 ~ 85 °C ( -40 ~ 185 °F)
Relative Humidity
95% @ 40 °C (non-condensing)
Vibration During Operation
With SSD: 3 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 hr/axis.
Shock During Operation
With SSD: 30 G, IEC 60068-2-27, half sine, 11 ms duration
EMC
CE/FCC Class B, CCC, BSMI
Safety Certifications
UL, CB, CCC, BSMI
#1 SIM holder and M.2 slot are hardware interfaces for wireless communication integration only. System level RF certification is not available.
*Dual Layer model is ARK-2232 with ARK Plus module
RoHS
COMPLIANT
2002/95/EC
Specifications
All product specifications are subject to change without notice.
Last updated: 15-Dec-2020


Similar Part No. - AMK-R005E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMK-R005E ADVANTECH-AMK-R005E Datasheet
708Kb / 2P
High-Performance Edge Intelligence Server
AMK-R005E ADVANTECH-AMK-R005E Datasheet
1Mb / 4P
Intel 6th Generation Core i3/i5/i7 Modular Fanless Box PC
AMK-R005E ADVANTECH-AMK-R005E Datasheet
937Kb / 2P
High-Performance Edge Intelligence System
2-Jun-2020
More results

Similar Description - AMK-R005E

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
BX-U200 CONTEC-BX-U200 Datasheet
474Kb / 3P
BOX-PC Fanless, Atom x5-E3940 1.6GHz
logo
Advantech Co., Ltd.
ARK-1124C ADVANTECH-ARK-1124C Datasheet
1Mb / 3P
Intel® Celeron™ N3350 DC SoC With Four Serial Ports Modular Fanless Box PC
6-Jan-2021
ARK-1124H ADVANTECH-ARK-1124H Datasheet
1Mb / 3P
Intel® Atom™ E3940 QC SoC With Dual HDMI/ Dual LAN/ Four USB Modular Fanless Box PC
11-Jan-2021
ARK-1220L-A2 ADVANTECH-ARK-1220L-A2 Datasheet
770Kb / 2P
Intel® Atom™ E3940 QC SoC with 4K Dual HDMI/Dual LAN/M.2 DIN-Rail Fanless Box PC
7-Jun-2022
ARK-1220L ADVANTECH-ARK-1220L Datasheet
770Kb / 2P
Intel® Atom™ E3940 QC SoC with 4K Dual HDMI/Dual LAN/M.2 DIN-Rail Fanless Box PC
7-Jun-2022
ARK-2231R ADVANTECH-ARK-2231R Datasheet
1Mb / 3P
EN50155 Intel® Atom E3845 SoC Rolling Stock Fanless System
3-Aug-2022
PPC-3100 ADVANTECH-PPC-3100 Datasheet
381Kb / 2P
10.4 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
PPC-3120 ADVANTECH-PPC-3120 Datasheet
390Kb / 2P
12.1 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
ARS-2110 ADVANTECH-ARS-2110 Datasheet
1Mb / 2P
EN50155 Intel® Atom™ E3845 Fanless Box PC
12-Jul-2022
logo
AAEON Technology
BOXER-6643-TGU AAEON-BOXER-6643-TGU Datasheet
686Kb / 2P
Fanless Embedded Box PC 11th Generation Intel® Core™ SoC Processor
2022/10/06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com