Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R005E Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # AMK-R005E
Description  Intel® Atom® E3940 SoC Modular Fanless Box PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R005E Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  AMK-R005E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R005E Datasheet HTML 2Page - Advantech Co., Ltd. AMK-R005E Datasheet HTML 3Page - Advantech Co., Ltd. AMK-R005E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fanless Embedded Box PCs
ARK-2232L
ARK-2232 Default SKU Option Items
Optional Embedded OS
Part Number
Description
20706WX9ES0096
W10 19EL ARK-2232L 64b 1809 ENU
Optional Item for Default SKU
Part Number
Description
96PSA-A60W12W7-3
AC-to-DC Adapter, DC12V/5A 60W
1702002600
Power cable 3-pin 183cm, USA type
1702002605
Power cable 3-pin 183cm, EU type
1702031801
Power cable 3-pin 183cm, UK type
AMK-R005E
DIN Rail mount kits
AMK-V019E
VESA mount kits
ARK-2232 Single Layer Expansion Option Items
Optional MOS Modules for iDoor Expansion
Part Number
Description
MOS-2220-X1101E
Parallel LPT module, 1-Ch, USB Interface
MOS-2110Z-1201E
USB module, 2-Ch, PCIe Interface
MOS-2120-Z1101E
Giga LAN Ethernet module, 1-Ch, PCIe Interface
MOS-1120Y-0202E
Isolated RS-232, 2-Ch, DB9, PCIe Interface
MOS-1121Y-0202E
Isolated RS-422/485, 2-Ch, DB9, PCIe Interface
MOS-1120Y-1402E
Non-Isolated RS-232, DB37 to 4-ch DB9, PCIe Interface
MOS-1121Y-1402E
Non-Isolated RS-422/485, DB37 to 4-ch DB9, PCIe
Interface
MOS-1130Y-0201E
Isolated CANBus, 2-Ch, DB9, PCIe Interface
MOS-1110Y-0101E
Isolated 16 DI/8 DO, 1-Ch, DB37, PCIe Interface
MOS-2120-Z1201
Dual Intel I210 GbE LAN iDoor, 2-Ch, PCIe Interface
MOS-2230-Z1201E
CANBus module, 2-Ch, USB Interface
*ARK-2232L can support only one iDoor.
Optional 9-36V DC Power Module
Part Number
Description
MIOE-PWR2-00A1E
9-36V DC input power module
96PSA-A65W19P2-1
AC-to-DC Adapter, DC19V/3.42A 65W (for MIOe-PWR2)
1700001524
Power cable 3-pin 183cm, USA type (for MIOe-PWR2)
170203183C
Power cable 3-pin 183cm, EU type (for MIOe-PWR2)
170203180A
Power cable 3-pin 183cm, UK type (for MIOe-PWR2)
ARK-2232 Dual Layer Expansion Option Items
Optional Modules for ARK Plus Expansion
Part Number
Description
AMO-2201E (2nd Layer)
4 x RS232/422/485 + removable 2.5" drive
AMO-2202E (2nd Layer)
4x10/100/1000Base T(X) PoE
AMO-2203E (2nd Layer)
2-Port isolated CAN-Bus
AMO-2204E (2nd Layer)
3-port GbE + iDoor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com