Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R005E Datasheet(PDF) 4 Page - Advantech Co., Ltd.

Part # AMK-R005E
Description  Intel® Atom® E3940 SoC Modular Fanless Box PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R005E Datasheet(HTML) 4 Page - Advantech Co., Ltd.

  AMK-R005E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R005E Datasheet HTML 2Page - Advantech Co., Ltd. AMK-R005E Datasheet HTML 3Page - Advantech Co., Ltd. AMK-R005E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.advantech.com/products
Online Download
ARK Plus Extended Modules
AMO-2201E
4 x RS232/422/485 + removable 2.5" drive bay
AMO-2203E
2-Port isolated CAN-Bus
AMO-2204E
3-Port GbE + iDoor
Specifications
General
Bus interface
MIOe
Ports
4 x RS232/422/485 (set up by jumper)
Others
Removable 2.5" drive bay
Mechanical
Dimension
260 x 34.6 x 140.2 mm (10.24" x 1.36" x 5.52")
Environment
Operating Temp.
0 ~ 40 °C
Ordering Information
P/N
Description
AMO-2201E
4 x RS232/422/485 + removable 2.5" drive bay
Specifications
General
Bus interface
MIOe
Ports
2 x DB9 isolated CAN-Bus
Communications
Signal Support
CAN_H, CAN_L
Protocol
CAN 2.0 A/B
Data Transfer Rate
Programmable up to 1Mbps
CAN Frequency
16MHz
Protection
Isolation Protection
2,500 VDC
Mechanical
Dimension
260 x 34.6 x 140.2 mm (10.24" x 1.36" x 5.52")
Environment
Operating Temp.
0 ~ 40 °C
Ordering Information
P/N
Description
AMO-2203E
2-Port isolated CAN-Bus
Specifications
General
Bus interface
MIOe
Ports
3 x RJ45 10/100/1000 Mbps ports
Chipset
Intel 82583V Gigabit Ethernet Controller
Other
1 x iDoor
Mechanical
Dimension
260 x 34.6 x 140.2 mm (10.24" x 1.36" x 5.52")
Environment
Operating Temp.
0 ~ 40 °C
Ordering Information
P/N
Description
AMO-2204E
3-Port GbE + iDoor
*ARK-2232 supports one iDoor only.
AMO-2202E (AMO-I018)
4 x 10/100/1000Base T(X) PoE
Specifications
General
Bus interface
MIOe
Ports
4 x RJ45 10/100/1000 Mbps PoE ports
Power consumption
Typical 15W, Max: 60W
Compatibility
IEEE 802.3, IEEE 802.3u, IEEE802.3ab, IEEE802.3x,IEEE802.3af
Powered Device (PD) auto detection and classification Supports
IEEE 802.3u Auto-Negotiation
Power
Input
12 VDC power input 4 pin phoenix power (Change System Power
input Cable)
Output PoE Power
15W at 48 VDC per PoE port
Mechanical
Dimension
260 x 34.6 x 140.2 mm (10.24" x 1.36" x 5.52")
Environment
Operating Temp.
0 ~ 40 °C
Ordering Information
P/N
Description
AMO-2202E
4 x 10/100/1000Base T(X) PoE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com