Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJ1H-CPU66H-R Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # CJ1H-CPU66H-R
Description   Integrated Loop Control and Sequence
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1H-CPU66H-R Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button CJ1H-CPU66H-R Datasheet HTML 2Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 3Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 4Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 5Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 6Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 7Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 8Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 9Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
CJ1G-CPU4
@P
Software Specifications
The following software (sold separately) is required to use the Loop Controller:
• CX-Process Tool (included in CX-One): Tool for preparing function block data (essential)
CX-Process Tool Specifications
*1. CX-One Operating System Precaution:
1)System requirements and hard disk space may vary with the system environment.
2)Except for Windows XP 64-bit version.
*2. Peripheral Bus cannot be used when FinsGateway V3 is used.
Note: The CX-Process functions that can be used depend on the version. For details, refer to the operation manuals (Cat.No.: W372-E1-
@ and
W373-E1-
@).
Item
Specification
Product name
CX-Process Tool (Included in CX-One Package)
Applicable PLCs
CS/CJ-series
Applicable
computer
Computer
IBM PC/AT or compatible
Operating system
(OS) (See Note.1, 2)
Japanese or
English System
Microsoft Windows XP (Service Pack 3 or higher), Vista or 7
CPU
Proceccor recommended by Microsoft.
Memory
Memory recommended by Microsoft.
Hard disk
Approx. 2.8 GB or more of available memory
is required to install all of the CX-One.
Di
splay
XGA (1,024
× 768). High Color (16-bit) or higher.
Disk Drive
CD-ROM or DVD-ROM drive
Software that must be installed
with the CX-Process Tool
CX-Server or FinsGateway
Connecting
method
Connection with
CPU Unit (or Serial
Communications
Board/Unit)
Using FinsGateway
Serial Unit Driver
Communications protocol with PLC: Host Link or Peripheral Bus
*2
• Connect the computer to the peripheral port or built-in RS-232C port of the CPU
Unit, or the RS-232C port of a Serial Communications Unit/Board.
• Connecting cable:
When connecting to the CPU Unit peripheral port:
CS1W-CN
@@@ (2 m, 6 m)
When connecting to the CPU Unit’s RS-232C port:
XW2Z-
@@@-@ (2 m, 5 m)
Using CX-Server
Communications protocol with PLC: Host Link or Peripheral Bus
(The compatible connecting cables are the same as the ones shown above for the
FinsGateway connection.)
Connection via
Controller Link
Using FinsGateway
CLK (PCI) Driver
Install the driver in a computer equipped with a Controller Link Support Board (PCI
slot) to support communications between the computer and PLCs equipped with a
Controller Link Unit.
Using FinsGateway
Controller Link Driver
or CX-Server
Install the driver in a computer equipped with a Controller Link Support Board (ISA
slot) to support communications between the computer and PLCs equipped with a
Controller Link Unit.
Connection via
Ethernet
Using FinsGateway
ETN_UNIT Driver or
CX-Server
Install the driver in a computer equipped with an Ethernet to support
communications between the computer and PLCs equipped with an Ethernet Unit.
Offline operation functions
• Setting of function block ITEM data (including System Common block settings)
• Software wiring of analog signals
• Inserting, and printing text-string comments (memos) in block or ladder diagrams.
• Describing Step Ladder Program block commands
• Creating sequence tables
Online operation functions
• Downloading of function block data (download/upload to and from Loop Controller)
• Run/stop command for Loop Controller (all function blocks)
• System monitor run status: Monitoring/manipulation of System Common block (Block Model 000)
(including monitoring of LCB load rate)
• Loop Controller monitor run status: Confirmation of function block wiring operation (including operation
stop/stop cancel on each function block), confirmation of Step Ladder Program operation, and validation
of sequence tables
• Initializing Loop Controller memory (RAM)
• Autotuning PID constants and other parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com