Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJ1H-CPU66H-R Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # CJ1H-CPU66H-R
Description   Integrated Loop Control and Sequence
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1H-CPU66H-R Datasheet(HTML) 2 Page - Omron Electronics LLC

  CJ1H-CPU66H-R Datasheet HTML 1Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 2Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 3Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 4Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 5Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 6Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 7Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 8Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
CJ1G-CPU4
@P
System Configuration
CJ1 Loop Control Units
Applicable standards
Refer to the OMRON website (www.ia.omron.com) or ask your OMRON representative for the most recent applicable standards for each model.
Note: Current consumptions include current for a Programming Console. Add 0.15 A per Adapter when using NT-AL001 RS-232C/RS-422A
Adapters. Add 0.04 A per Adapter when using CJ1W-CIF11 RS-422A Adapters.
Product
name
Specifications
Current consumption (A)
Model
CPU Unit
Loop Controller
5 V
24 V
I/O capacity/
Mountable Units
(Expansion Racks)
Program
capacity
Data memory
capacity
LD instruction
execution time
CJ1G
Loop-control
CPU Units
1,280 points/40 Units
(3 Expansion Racks
max.)
60K steps
128K words
(DM: 32K words,
EM: 32K words
×
3 banks)
0.04
μs
Number of function blocks:
300 blocks max.
1.06
(See note.)
−
CJ1G-CPU45P
CJ1G-CPU45P-GTC
30K steps
64K words
(DM: 32K words,
EM: 32K words
×
1 bank)
1.06
(See note.)
−
CJ1G-CPU44P
960 points/30 Units
(2 Expansion Racks
max.)
20K steps
1.06
(See note.)
−
CJ1G-CPU43P
10K steps
Number of function blocks:
50 blocks max.
1.06
(See note.)
−
CJ1G-CPU42P
*
CMND
PID
Loop Controller
CPU Unit
Analog
Input/Output Unit
Basic I/O Unit
I/O memory
Computer
User Program
Ex: Wiring of ITEM
data in operation
blocks using FINS
commands
Input 1 of Analog
Input Unit
Input 2 of Analog
Input Unit
Field Terminal
block
Analog
Input
Analog
input
Field Terminal
block
Output of Analog
Output Unit
Field Terminal
block
Analog
output
Control block
All functions are achieved by software wiring between any combinations of function blocks.
Operation block
*: Data is exchanged via
allocated words in
the CPU Unit's
CIO Area
I/O memory
HMI data
in
specified
bank of
EM area
Control and
operation
blocks
External controller
blocks
Sequence table
and step ladder
blocks
Allocated
ITEMs
Allocated
ITEMs
HMI
function
Allocated
ITEMs from
control,
operation,
and external
controller
blocks
User link
table
Tag A
Tag B
Tag C
Tag D
User-
specified
words
*
CSV tags
specified.
CSV tags
specified.
Addition
/Subtraction



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com